Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP140N10F4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP140N10F4
Description  N-channel 100 V, 5.2 mΩ, 60 A TO-220, D2PAK, TO-220FP STripFET™ DeepGATE™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP140N10F4 Datasheet(HTML) 1 Page - STMicroelectronics

  STP140N10F4 Datasheet HTML 1Page - STMicroelectronics STP140N10F4 Datasheet HTML 2Page - STMicroelectronics STP140N10F4 Datasheet HTML 3Page - STMicroelectronics STP140N10F4 Datasheet HTML 4Page - STMicroelectronics STP140N10F4 Datasheet HTML 5Page - STMicroelectronics STP140N10F4 Datasheet HTML 6Page - STMicroelectronics STP140N10F4 Datasheet HTML 7Page - STMicroelectronics STP140N10F4 Datasheet HTML 8Page - STMicroelectronics STP140N10F4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
January 2009
Rev 1
1/13
13
STB140N10F4, STF140N10F4
STP140N10F4
N-channel 100 V, 5.2 m
Ω, 60 A TO-220, D2PAK, TO-220FP
STripFET™ DeepGATE™ Power MOSFET
Features
■ Exceptional dv/dt capability
■ Extremely low on-resistance RDS(on)
■ 100% avalanche tested
Application
■ Switching applications
Description
This Power MOSFET is among the latest
developments that use an advanced technology
(STripFET™ DeepGATE™ technology), which
has been especially tailored to minimize on-state
resistance, provide superior switching
performance and withstand high energy pulse in
avalanche and commutation mode. The resulting
transistor shows extremely high packing density
for low on-resistance, rugged avalanche
characteristics and less critical alignment steps
therefore a remarkable manufacturing
reproducibility.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on) max
ID
STB140N10F4
100 V
< 6.5 m
Ω
140 A
STF140N10F4
100 V
< 6.5 m
Ω
55 A
STP140N10F4
100 V
< 6.5 m
Ω
140 A
1
2
3
1
2
3
1
3
TO-220FP
TO-220
D²PAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB140N10F4
140N10F4
D²PAK
Tape and reel
STF140N10F4
140N10F4
TO-220FP
Tube
STP140N10F4
140N10F4
TO-220
Tube
www.st.com


Similar Part No. - STP140N10F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP140N6F7 STMICROELECTRONICS-STP140N6F7 Datasheet
357Kb / 12P
High avalanche ruggedness
19-May-2015
logo
Inchange Semiconductor ...
STP140N6F7 ISC-STP140N6F7 Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP140N8F7 STMICROELECTRONICS-STP140N8F7 Datasheet
587Kb / 13P
High avalanche ruggedness
09-Oct-2014
logo
Inchange Semiconductor ...
STP140N8F7 ISC-STP140N8F7 Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
STP140N8F7 DOINGTER-STP140N8F7 Datasheet
963Kb / 4P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - STP140N10F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP45NF3LL STMICROELECTRONICS-STP45NF3LL_06 Datasheet
357Kb / 16P
N-channel 30V - 0.014ohm - 45A TO-220 - TO-220FP - D2PAK STripFET II power MOSFET
09-Aug-2006
STD70N10F4 STMICROELECTRONICS-STD70N10F4 Datasheet
974Kb / 18P
N-channel 100 V, 0.015 廓, 60 A, STripFET??DeepGATE??Power MOSFET in TO-220, DPAK, TO-247, D2PAK
09-Oct-2009
STP100N10F7 STMICROELECTRONICS-STP100N10F7 Datasheet
1Mb / 23P
N-channel 100 V, 0.0068 Ω typ., 80 A, STripFET™ VII DeepGATE™ Power MOSFET in D2PAK, DPAK, TO-220FP and TO-220
25-Nov-2013
logo
New Jersey Semi-Conduct...
STP75NF75FP NJSEMI-STP75NF75FP Datasheet
98Kb / 3P
N-channel 75V - 0.0095Q- 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
logo
STMicroelectronics
STP90N55F4 STMICROELECTRONICS-STP90N55F4 Datasheet
526Kb / 13P
N-channel 55 V, 0.0064 , 90 A, TO-220 STripFET DeepGATE Power MOSFET
12-Aug-2011
STB85N15F4 STMICROELECTRONICS-STB85N15F4 Datasheet
555Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, D2PAK STripFET™ DeepGATE™ Power MOSFET
12-Jan-2009
STB100N10F7 STMICROELECTRONICS-STB100N10F7_V01 Datasheet
652Kb / 28P
N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
18-Jun-2018
STI70N10F4 STMICROELECTRONICS-STI70N10F4 Datasheet
723Kb / 12P
N-channel 100 V, 0.015 Ω, 60 A, STripFET™ DeepGATE™ Power MOSFET in I2PAK
23-Sep-2009
STP85N15F4 STMICROELECTRONICS-STP85N15F4_V01 Datasheet
437Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, H2PAK STripFET™ DeepGATE™ Power MOSFET
07-Jul-2009
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
24-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com