Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB36N60M6 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STB36N60M6
Description  N-channel 600 V, 85 mΩ typ., 30 A MDmesh™ M6 Power MOSFET in a D²PAK package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB36N60M6 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STB36N60M6 Datasheet HTML 12Page - STMicroelectronics STB36N60M6 Datasheet HTML 13Page - STMicroelectronics STB36N60M6 Datasheet HTML 14Page - STMicroelectronics STB36N60M6 Datasheet HTML 15Page - STMicroelectronics STB36N60M6 Datasheet HTML 16Page - STMicroelectronics STB36N60M6 Datasheet HTML 17Page - STMicroelectronics STB36N60M6 Datasheet HTML 18Page - STMicroelectronics STB36N60M6 Datasheet HTML 19Page - STMicroelectronics STB36N60M6 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Package information
STB36N60M6
18/20
DocID027339 Rev 4
Table 12: D²PAK type B reel mechanical data
Dim.
mm
Min.
Max.
A
330
B
1.5
C
12.8
13.2
D
20.2
G
24.4
26.4
N
100
T
30.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com