Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS555 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS555
Description  Low-power single CMOS timer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS555 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS555_V01 Datasheet HTML 7Page - STMicroelectronics TS555_V01 Datasheet HTML 8Page - STMicroelectronics TS555_V01 Datasheet HTML 9Page - STMicroelectronics TS555_V01 Datasheet HTML 10Page - STMicroelectronics TS555_V01 Datasheet HTML 11Page - STMicroelectronics TS555_V01 Datasheet HTML 12Page - STMicroelectronics TS555_V01 Datasheet HTML 13Page - STMicroelectronics TS555_V01 Datasheet HTML 14Page - STMicroelectronics TS555_V01 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DocID4077 Rev 4
11/19
TS555
Electrical characteristics
19
Table 9. Static electrical characteristics
VCC = +12 V, Tamb = +25 °C, reset to VCC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current (no load, high and low states)
Tmin ≤Tamb ≤Tmax
170
400
400
µA
VCL
Control voltage level
Tmin ≤Tamb ≤Tmax
7.4
7.3
88.6
8.7
V
VDIS
Discharge saturation voltage (Idis = 80 mA)
Tmin ≤Tamb ≤Tmax
0.09
1.5
2.0
IDIS
Discharge pin leakage current
1
100
nA
VOL
Low level output voltage (Isink = 50 mA)
Tmin ≤Tamb ≤Tmax
1.2
2
2.8
V
VOH
High level output voltage (Isource = -10 mA)
Tmin ≤Tamb ≤Tmax
10.5
10.5
11
VTRIG
Trigger voltage
Tmin ≤Tamb ≤Tmax
3.2
3.1
44.8
4.9
ITRIG
Trigger current
10
pA
ITH
Threshold current
10
VRESET
Reset Voltage
Tmin ≤Tamb ≤Tmax
0.4
0.3
1.1
1.5
2.0
V
IRESET Reset current
10
pA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com