Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6686 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6686
Description  400mA Buck/Boost Charge Pump LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6686 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6686 Datasheet HTML 3Page - Sipex Corporation SP6686 Datasheet HTML 4Page - Sipex Corporation SP6686 Datasheet HTML 5Page - Sipex Corporation SP6686 Datasheet HTML 6Page - Sipex Corporation SP6686 Datasheet HTML 7Page - Sipex Corporation SP6686 Datasheet HTML 8Page - Sipex Corporation SP6686 Datasheet HTML 9Page - Sipex Corporation SP6686 Datasheet HTML 10Page - Sipex Corporation SP6686 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Date: 03/10/06
SP6686 400mA, Buck/Boost Charge Pump LED Driver
© Copyright 2006 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.6, Typical Application, D1 = AOT2015HPW-1915B LED,TA = 25°C unless otherwise noted.
Figure 15. Startup Torch, Vin=3.6V, Vout=3.1V
Cin=4.7µF,C
FC=0.47µF, Cout=2.2µF
Figure 16. Startup Flash, Vin=3.6V, Vout=3.5V
Cin=4.7µF,C
FC=0.47µF, Cout=2.2µF
Figure 17. Torch in 1X to Flash 1X Mode,
Vin=4.2V, Cin=4.7µF,C
FC=0.47µF, Cout=2.2µF
Figure 18. Torch in 1X to Flash 2X Mode, Vin=3.6V,
Cin=4.7µF,C
FC=0.47µF, Cout=2.2µF
ENABLE
V
OUT
I
IN
(0.5A/div)
V
OUT
I
IN
(0.5A/div)
ENABLE
Flash
V
OUT
I
OUT
(0.5A/div)
V
FB
Flash
V
OUT
I
OUT
(0.5A/div)
V
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com