Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX7412F Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7412F
Description  TMUX741xF ±60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches With Latch-Up Immunity and 1.8-V Logic
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7412F Datasheet(HTML) 2 Page - Texas Instruments

  TMUX7412F Datasheet HTML 1Page - Texas Instruments TMUX7412F Datasheet HTML 2Page - Texas Instruments TMUX7412F Datasheet HTML 3Page - Texas Instruments TMUX7412F Datasheet HTML 4Page - Texas Instruments TMUX7412F Datasheet HTML 5Page - Texas Instruments TMUX7412F Datasheet HTML 6Page - Texas Instruments TMUX7412F Datasheet HTML 7Page - Texas Instruments TMUX7412F Datasheet HTML 8Page - Texas Instruments TMUX7412F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................3
7 Specifications.................................................................. 4
7.1 Absolute Maximum Ratings........................................ 4
7.2 ESD Ratings............................................................... 4
7.3 Thermal Information....................................................5
7.4 Recommended Operating Conditions.........................5
7.5 Electrical Characteristics: Global................................ 6
7.6 ±15 V Dual Supply: Electrical Characteristics.............7
7.7 ±20 V Dual Supply: Electrical Characteristics...........10
7.8 12 V Single Supply: Electrical Characteristics.......... 13
7.9 36 V Single Supply: Electrical Characteristics.......... 15
7.10 Typical Characteristics............................................ 17
8 Parameter Measurement Information.......................... 24
8.1 On-Resistance.......................................................... 24
8.2 Turn-On and Turn-Off Time.......................................24
8.3 Off-Leakage Current................................................. 25
8.4 On-Leakage Current................................................. 25
8.5 Input and Output Leakage Current Under
Overvoltage Fault........................................................ 26
8.6 Fault Response Time................................................27
8.7 Fault Recovery Time.................................................27
8.8 Fault Flag Response Time........................................28
8.9 Fault Flag Recovery Time.........................................28
8.10 Charge Injection......................................................29
8.11 Off Isolation............................................................. 29
8.12 Inter-Channel Crosstalk.......................................... 30
8.13 Bandwidth............................................................... 30
8.14 THD + Noise........................................................... 31
9 Detailed Description......................................................32
9.1 Overview................................................................... 32
9.2 Functional Block Diagram......................................... 32
9.3 Feature Description...................................................32
9.4 Device Functional Modes..........................................35
10 Application and Implementation................................ 37
10.1 Application Information........................................... 37
10.2 Typical Application.................................................. 37
11 Power Supply Recommendations..............................39
12 Layout...........................................................................39
12.1 Layout Guidelines................................................... 39
12.2 Layout Example...................................................... 39
13 Device and Documentation Support..........................40
13.1 Documentation Support.......................................... 40
13.2 Receiving Notification of Documentation Updates..40
13.3 Support Resources................................................. 40
13.4 Trademarks.............................................................40
13.5 Electrostatic Discharge Caution..............................40
13.6 Glossary..................................................................40
14 Mechanical, Packaging, and Orderable
Information.................................................................... 40
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (November 2021) to Revision B (November 2022)
Page
• Changed the status of the WQFN (20) package for the TMUX7411F and TMUX7413F device from: Preview
to: Active ............................................................................................................................................................ 1
Changes from Revision * (March 2021) to Revision A (November 2021)
Page
• Changed the status of the data sheet from: Advanced Information to: Production Data ...................................1
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404B – MARCH 2021 – REVISED NOVEMBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com