Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX7412FRRPR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7412FRRPR
Description  TMUX741xF ±60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches With Latch-Up Immunity and 1.8-V Logic
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7412FRRPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMUX7412FRRPR Datasheet HTML 24Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 25Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 26Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 27Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 28Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 29Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 30Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 31Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
8.8 Fault Flag Response Time
Fault flag response time (tRESPONSE(FLAG)) measures the delay between the source voltage exceeding the fault
supply voltage (VDD or VSS) by 0.5 V and the general fault flag (FF) pin to go below 10% of its original value.
Figure 8-9 shows the setup used to measure tRESPONSE(FLAG).
VS
0 V
tRESPONSE(FLAG)_VDD
VFF
VDD + 0.5 V
0 V
0.5 V
VS
0 V
tRESPONSE(FLAG)_VSS
VFN - 0.5 V
tRESPONSE(FLAG) = max ( tRESPONSE(FLAG)_VDD, tRESPONSE(FLAG)_VSS)
5 V
VFF
0.5 V
5 V
0 V
CL_FF
GND
RPU
5 V
GND
RL
VS
GND
CL
GND
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
Sx
GND
GND
Dx
All other
source and
drain pins
SW
FF
Figure 8-9. Fault Flag Response Time Measurement Setup
8.9 Fault Flag Recovery Time
Fault flag recovery time (tRECOVERY(FLAG)) measures the delay between the source voltage falling from
overvoltage condition to below fault supply voltage (VDD or VSS) plus 0.5 V and the general fault flag (FF)
pin to rise above 3 V with 5 V external pull-up. Figure 8-10 shows the setup used to measure tRECOVERY(FLAG).
tRECOVERY(FLAG)_VDD
VFF
CL_FF
GND
0 V
3 V
tRECOVERY(FLAG)_VSS
tRECOVERY(FLAG) = max ( tRECOVERY(FLAG)_VDD, tRECOVERY(FLAG)_VSS)
5 V
0 V
3 V
5 V
RPU
5 V
VDD + 0.5 V
0 V
VDD - 0.5 V
0 V
VS
GND
RL
VS
GND
CL
GND
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
Sx
GND
GND
Dx
All other
source and
drain pins
SW
FF
VS
VFF
Figure 8-10. Fault Flag Recovery Time Measurement Setup
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404B – MARCH 2021 – REVISED NOVEMBER 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com