Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC812C Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC812C
Description  High Noise Resistance Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC812C Datasheet(HTML) 1 Page - Sharp Corporation

  PC812C Datasheet HTML 1Page - Sharp Corporation PC812C Datasheet HTML 2Page - Sharp Corporation PC812C Datasheet HTML 3Page - Sharp Corporation PC812C Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PC812
PC812
s Features
1. High noise reduction
2. High current transfer ratio
3. High isolation voltage between input and
4. Compact dual-in-line package
s Applications
1. Motor-control circuits
2. Computer terminals
3. System appliances, measuring instruments
4. Signal transmission between circuits of
different potentials and impedances
*3 For 10 seconds
( Unit : mm)
( Common mode rejection voltage
V CM
( CTR : MIN. 90% at IF = 5mA, V CE =5V)
output ( Viso
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
*1Peak forward current
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
70
mW
Output
Collector-emitter voltage
V CEO
35
V
Emitter-collector voltage
V ECO
6V
Collector current
IC
50
mA
Collector power dissipation
P C
150
mW
Total power dissipation
*2Isolation voltage
Operating temperature
Storage temperature
*3Soldering temperature
P tot
200
mW
V iso
T opr
- 30 to + 100
˚C
T stg
- 55 to + 125
˚C
T sol
260
˚C
*1 Pulse width <=100
µs, Duty ratio : 0.001
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
R L = 470
Ω, V
np
= 100mV )
θ
θ
Internal connection
diagram
1
2
3
4
43
2
1
1
Anode
2
Cathode
3
Emitter
4
Collector
Photocoupler
(Ta= 25˚C)
High Noise Resistance Type
s Outline Dimensions
4.58 ± 0.5
5 000
*2 40 to 60% RH, AC for 1 minute
: TYP. 1.5kV at dV/dt = 2kV/
µ s,
: 5 000V rms )
V rms
7.62 ± 0.3
θ = 0 to 13 ˚
2.54± 0.25
0.9 ± 0.2
1.2 ± 0.3
0.5 ± 0.1
0.26 ± 0.1


Similar Part No. - PC812C

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC812 SHARP-PC812 Datasheet
67Kb / 4P
High Noise Resistance Type Photocoupler
More results

Similar Description - PC812C

ManufacturerPart #DatasheetDescription
logo
NEC
PS8602 NEC-PS8602 Datasheet
84Kb / 10P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Sharp Corporation
PC810 SHARP-PC810 Datasheet
67Kb / 4P
High Speed Under High Load Resistance Photocoupler
PC812 SHARP-PC812 Datasheet
67Kb / 4P
High Noise Resistance Type Photocoupler
PC813 SHARP-PC813 Datasheet
91Kb / 5P
AC Input Type & High Noise Reduction Type Photocoupler
S11MD5T SHARP-S11MD5T Datasheet
64Kb / 5P
High Noise-resistance Type Phototriac Coupler
S11MS7 SHARP-S11MS7 Datasheet
41Kb / 3P
High Speed/ High Noise-resistance Type Phototriac Coupler
S21MD3V SHARP-S21MD3V Datasheet
48Kb / 4P
High Noise Resistance Type Phototriac Coupler
PC3Q62 SHARP-PC3Q62 Datasheet
82Kb / 6P
High Resistance to Noise, Half Pitch Photocoupler
logo
California Eastern Labs
PS8602 CEL-PS8602 Datasheet
437Kb / 13P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8602 RENESAS-PS8602 Datasheet
300Kb / 18P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
April 1st, 2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com