Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC812 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC812
Description  High Noise Resistance Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC812 Datasheet(HTML) 2 Page - Sharp Corporation

  PC812 Datasheet HTML 1Page - Sharp Corporation PC812 Datasheet HTML 2Page - Sharp Corporation PC812 Datasheet HTML 3Page - Sharp Corporation PC812 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PC812
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
-
1.2
1.4
V
Peak forward voltage
V FM
-
-
3.0
V
Reverse current
IR
--
10
µ A
Terminal capacitance
Ct
-30
p F
Output
Collector dark current
ICEO
--
10 -7
A
Transfer
charac-
teristics
C T R
90
-
480
%
Collector-emitter saturation voltage V CE (sat)
-
0.1
0.2
V
Isolation resistance
R ISO
5x 1010
1011
-
Ω
Floating capacitance
Cf
-
0.6
1.0
p F
Cut-off frequency
fc
15
80
-
k H z
t r
-4
18
µ s
tf
-5
20
µ s
V CM
-
1.5
-
k V
*4 Classification table of current transfer ratio is shown below.
*5 Test Circuit for VCM
VCM
RL
Vnp
VCC = 9V
VCM : Common mode rejection
Test condition
Vnp = 100mV, RL = 470
Ω
s Electro-optical Characteristics
(Ta = 25˚C)
Model
No.
Rank
mark
CTR ( % )
t r
t
TYP. MAX. TYP. MAX.
PC812A
A
90 to 180
314
4
16
PC812B
B
150 to 180
416
5
18
PC812C
C
240 to 480
518
7
20
PC812
A, B or C 90 to 480
418
5
20
Measurement
conditions
V CE =2V
IC = 2mA
R L = 100
Ω
IF = 20mA
IFM = 0.5A
V R =4V
V = 0, f = 1kHz
V CE = 20V, IF =0
IF = 5mA, VCE =5V
IF = 20mA, IC = 1mA
V = 0, f = 1MHz
VCE = 2V, IC = 2mA, RL = 100
Ω
L
= 470
Ω, Vnp = 100mV, IF =0
voltage
(higher value of pulse wave)
*4 Current transfer ratio
*5 Common mode rejection voltage
VCE = 5V, IC = 2mA, RL = 100
Ω, - 3dB
Rise time
Fall time
*4 Response time
0
-30
10
0
25
50
75
100
125
20
30
40
50
60
Fig. 1 Forward Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
0
0
125
100
200
50
150
25
50
75
100
Ambient Temperature
-30
I = 5mA
Ta = 25˚C
Ta = 25˚C
Ambient temperature T a (˚C)
(
µ s)
(
µ s)
f
VCE =5V
DC500V, 40 to 60% RH
200
dV/dt = 2kV/
µ s, R
dV/dt : Rising factor of voltage
Fig. 2 Collector Power Dissipation vs.
dV/dt = 2kV/
µ s, IF = 0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com