Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A381AP Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI5A381AP
Description  Precision Wide Bandwidth Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A381AP Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI5A381AP Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A381AP Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A381AP Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A381AP Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A381AP Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A381AP Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A381AP Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A381AP Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
36
PS7062D
07/14/98
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A381A
PI5A383A
PI5A385A
-100
-80
-60
-40
-20
0
2
1
4
10
6 8
20
40 60 80100 200
Frequency (MHz)
Off Isolation
Crosstalk
VCC = +5V
-40
40
80
10nA
1nA
100pA
10pA
1pA
0.1pA
0.01pA
Temperature (”C)
I
I
0
CO
M(O
N)
CO
M(O
FF)
CC = +5V
V
8
4
12
16
1
2
3
4
5
0
A
B
C
0
20
V
10
30
40
+5V
+7V
COM
1
2
3
4
5
6
7
(V)
Vcc = +2V
+3.3V
Typical Operating Characteristics (TA=+25ºC, unless otherwise noted)
Charge Injection vs. Analog Voltage
Leakage Current vs. Temperature
Crosstalk and Off-Isolation vs. Frequency
RON vs. VCOM
RON vs. VCOM and Temperature
Leakage Currents vs. Analog Voltage
A: TA = 90ºC
B: TA = 25ºC
C: TA = -40ºC
V
= +5V
0
8
16
20
-8
-16
NO, NC, VCOM
(V)
0
12
3
45
I
IA(ON or IB(ON)
A(OFF) or IB(OFF)
VCC = +5V
V
= 3.3V
CC
15
10
5
0
-5
0
12
3
4
5
V
= 5V
CC
V COM ( V )
VCOM (V)
º
(°C)
CC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com