Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM4100APD Datasheet(PDF) 8 Page - Sames

Part # PM4100APD
Description  Energy Meter Evaluation Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM4100APD Datasheet(HTML) 8 Page - Sames

Back Button PM4100APD Datasheet HTML 4Page - Sames PM4100APD Datasheet HTML 5Page - Sames PM4100APD Datasheet HTML 6Page - Sames PM4100APD Datasheet HTML 7Page - Sames PM4100APD Datasheet HTML 8Page - Sames PM4100APD Datasheet HTML 9Page - Sames PM4100APD Datasheet HTML 10Page - Sames PM4100APD Datasheet HTML 11Page - Sames PM4100APD Datasheet HTML 12Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
sames
sames
PM4100APD
15/16
http://www.sames.co.za
8/14
http://www.sames.co.za
EVALUATION BOARD COMPONENT LIST
Part Type
Non-Polar
10uF
220nF
220nF
1uF
220nF
220nF
100nF
100nF
10uF
CONNECTOR
CONNECTOR
CONNECTOR
CONNECTOR
CONNECTOR
CONNECTOR
CONNECTOR
INLINE PINS
INLINE PINS
INLINE PINS
INLINE PINS
INLINE PINS
INLINE PINS
INLINE PINS
INLINE PINS
INLINE PINS
INLINE PINS
INLINE PINS
INLINE PINS
INLINE PINS
INLINE PINS
INLINE PINS
INLINE PINS
INLINE PINS
INLINE PINS
INLINE PINS
INLINE PINS
INLINE PINS
INLINE PINS
INLINE PINS
Designator
C1
C10
C2
C3
C4
C5
C6
C7
C8
C9
CON1
CON2
CON3
CON4
CON5
CON6
CON7
J1
J10
J11
J12
J13
J14
J15
J16
J17
J18
J19
J2
J20
J21
J22
J23
J24
J25
J26
J3
J4
J5
J6
Description
2.54mm, PITCH, NON-POLAR 16V, See page 3 for calculation of value
2.54mm, PITCH, TANTALUM. At least 10V
5.08mm, CERAMIC
5.08mm, CERAMIC
5.08mm, CERAMIC
0805 SMD CERAMIC, should be fitted for SA2002P
0805 SMD CERAMIC, should be fitted for SA2002P
5.08mm PITCH, CERAMIC
5.08mm PITCH, CERAMIC
2.54mm PITCH, TANTALUM. At least 10V
5.08mm PITCH, 3-WAY SCREW TERMINAL
5.08mm PITCH, 3-WAY SCREW TERMINAL
7 Single Inline Pins
5.08mm PITCH, 2-WAY SCREW TERMINAL
5.08mm PITCH, 2-WAY SCREW TERMINAL
5.08mm PITCH, 5-WAY SCREW TERMINAL
5.08mm PITCH, 2-WAY SCREW TERMINAL
2 Single Inline Pins
3 Single Inline Pins
3 Single Inline Pins
3 Single Inline Pins
3 Single Inline Pins
3 Single Inline Pins
3 Single Inline Pins
1 Single Inline Pins
3 Single Inline Pins
3 Single Inline Pins
3 Single Inline Pins
2 Single Inline Pins
3 Single Inline Pins
3 Single Inline Pins
2 Single Inline Pins
3 Single Inline Pins
2 Single Inline Pins
3 Single Inline Pins
2 Single Inline Pins
3 Single Inline Pins
3 Single Inline Pins
3 Single Inline Pins
3 Single Inline Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com