Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2000TPW Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # BQ2000TPW
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BQ2000TPW Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button BQ2000TPW Datasheet HTML 5Page - List of Unclassifed Manufacturers BQ2000TPW Datasheet HTML 6Page - List of Unclassifed Manufacturers BQ2000TPW Datasheet HTML 7Page - List of Unclassifed Manufacturers BQ2000TPW Datasheet HTML 8Page - List of Unclassifed Manufacturers BQ2000TPW Datasheet HTML 9Page - List of Unclassifed Manufacturers BQ2000TPW Datasheet HTML 10Page - List of Unclassifed Manufacturers BQ2000TPW Datasheet HTML 11Page - List of Unclassifed Manufacturers BQ2000TPW Datasheet HTML 12Page - List of Unclassifed Manufacturers BQ2000TPW Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
For Li-Ion battery packs, the resistor values RB1 and
RB2are calculated by the following equation:
R
R
N
V
V
1
B1
B2
CELL
MCV
=∗
 −
where N is the number of cells in series and VCELL is
the manufacturer-specified charging voltage. The
end-to-end input impedance of this resistive divider
network should be at least 200kΩ and no more than
1MΩ.
A NiCd or NiMH battery pack consisting of N se-
ries-cells may benefit by the selection of the RB1
value to be N-1 times larger than the RB2 value.
In a mixed-chemistry design, a common volt-
age-divider is used as long as the maximum charge
voltage of the nickel-based pack is below that of the
Li-Ion pack. Otherwise, different scaling is required.
Temperature Monitoring
The bq2000T measures the temperature by the
voltage at the TS pin. This voltage is typically
generated by a negative-temperature-coefficient
thermistor. The bq2000T compares this voltage
against its internal threshold voltages to determine if
charging is safe.
9
bq2000T
Parameter
Value
Maximum cell voltage (VMCV)2V
Minimum pre-charge qualification voltage (VLBAT)
950mV
High-temperature cutoff voltage (VTCO)
0.225 ∗ VCC
High-temperature fault voltage (VHTF)
0.25 ∗ VCC
Low-temperature fault voltage (VLTF)
0.5 ∗ VCC
bq2000T fast-charge maximum time out (MTO)
RMTO ∗ CMTO ∗ 35,988
Fast-charge charging current (IMAX)
0.05/RSNS
Hold-off period
MTO/32
Top-off charging current (optional)
IMAX/16
Top-off period (optional)
MTO
Trickle-charge frequency
1Hz
Trickle-charge pulse-width
See Figure 7
Table 2. Summary of NiCd or NiMH Charging Characteristics
Parameter
Value
Maximum cell voltage (VMCV)2V
Minimum pre-charge qualification voltage (VLBAT)
950mV
High-temperature cutoff voltage (VTCO)
0.225 ∗ VCC
High-temperature fault voltage (VHTF)
0.25 ∗ VCC
Low-temperature fault voltage (VLTF)
0.5 ∗ VCC
bq2000T fast-charge maximum time-out (MTO)
2 ∗ RMTO ∗ CMTO ∗ 35,988
Fast-charge charging current (IMAX)
0.05/RSNS
Hold-off period
MTO/32
Minimum current (for fast-charge termination)
IMAX/14
Trickle-charge frequency (before fast charge only)
1Hz
Trickle-charge pulse-width (before fast charge only)
See Figure 7
Table 3. Summary of Li-Ion Charging Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com