Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2000TPWR Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # BQ2000TPWR
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BQ2000TPWR Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  BQ2000TPWR Datasheet HTML 1Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 2Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 3Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 4Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 5Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 6Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 7Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 8Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Initiation and Charge Qualification
The bq2000T initiates a charge cycle when it detects
n
Application of power to VCC
n
Battery replacement
n
Exit from sleep mode
n
Capacity depletion (Li-Ion only)
Immediately following initiation, the IC enters a
charge-qualification mode. The bq2000T charge
qualification is based on battery voltage and
temperature. If voltage on pin BAT is less than the
internal threshold, VLBAT, the bq2000T enters the
charge-pending state. This condition indicates the
possiblility of a defective or shorted battery pack. In
an attempt to revive a fully depleted pack, the
bq2000T enables the MOD pin to trickle-charge at a
rate of once every 1.0s. As explained in the section
“Top-Off and Pulse-Trickle Charge,” the trickle
pulse-width is user-selectable and is set by the value
of the resistance connected to pin RC.
During this period, the LED pin blinks at a 1Hz rate,
indicating the pending status of the charger.
Similarly, the bq2000T suspends fast charge if the
battery temperature is outside the VLTF to VHTF range.
(See Table 4.) For safety reasons, however, it disables
the pulse trickle, in the case of a battery
over-temperature condition (i.e., VTS <VHTF). Fast
charge begins when the battery temperature and
voltage are valid.
Battery Chemistry
The bq2000T detects the battery chemistry by moni-
toring the battery-voltage profile during fast charge.
If the voltage on BAT input rises to the internal VMCV
reference, the IC assumes a Li-Ion battery. Otherwise
the bq2000T assumes NiCd/NiMH chemistry.
As shown in Figure 6, a resistor voltage-divider be-
tween the battery pack’s positive terminal and VSS
scales the battery voltage measured at pin BAT. In a
mixed-chemistry design, a common voltage-divider
is used as long as the maximum charge voltage of the
nickel-based pack is below that of the Li-Ion pack.
Otherwise, different scaling is required.
Once the chemistry is determined, the bq2000T
completes the fast charge with the appropriate
charge algorithm (Table 1). The user can customize
the algorithm by programming the device using an
external resistor and a capacitor connected to the RC
pin, as discussed in later sections.
NiCd and NiMH Batteries
Following qualification, the bq2000T fast-charges
NiCd or NiMH batteries using a current-limited algo-
rithm. During the fast-charge period, it monitors
charge time, temperature, and voltage for adherence
to the termination criteria. This monitoring is further
4
bq2000T
GR2000CA.eps
IMAX
IMIN
Trickle
VLBAT
VMCV
Time
Phase 1
Phase 2
Fast
Charge
Voltage
Current
Figure 3. Lithium-Ion Charge Algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com