Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1845 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1845
Description  Dual NV Potentiometer and Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1845 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1845 Datasheet HTML 5Page - Dallas Semiconductor DS1845 Datasheet HTML 6Page - Dallas Semiconductor DS1845 Datasheet HTML 7Page - Dallas Semiconductor DS1845 Datasheet HTML 8Page - Dallas Semiconductor DS1845 Datasheet HTML 9Page - Dallas Semiconductor DS1845 Datasheet HTML 10Page - Dallas Semiconductor DS1845 Datasheet HTML 11Page - Dallas Semiconductor DS1845 Datasheet HTML 12Page - Dallas Semiconductor DS1845 Datasheet HTML 13Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DS1845
11 of 13
AC ELECTRICAL CHARACTERISTICS
(-40oC to 85oC, Vcc=2.7V to 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
SCL clock frequency
fSCL
0
0
400
100
kHz
*,6
**
Bus free time between
STOP and START
condition
tBUF
1.3
4.7
µs
*,6
**
Hold time (repeated)
START condition
tHD:STA
0.6
4.0
µs
*,7,6
**
Low period of SCL clock
tLOW
1.3
4.7
µs
*,6
**
High period of SCL clock
tHIGH
0.6
4.0
µs
*,6
**
Data hold time
tHD:DAT
0
0
0.9
µs
*,6,8
**
Data set-up time
tSU:DAT
100
250
ns
*,6
**
Start set-up time
tSU:STA
0.6
4.7
µs
*,6
**
Rise time of both SDA
and SCL signals
tR
20+0.1
CB
300
1000
ns
*,9
**
Fall time of both SDA
and SCL signals
tF
20+0.1
CB
300
300
ns
*,9
**
Set-up time for STOP
condition
tSU:STO
0.6
4.0
µs
*
**
Capacitive load for each
bus line
CB
400
pF
9
EEPROM write time
TW
5ms
10
* fast mode
** standard mode
NOTES:
1. All voltages are referenced to ground.
2. ISTBY specified with for VCC equal 3.0V and 5.0V and control port logic pins are driven to the
appropriate logic levels. Appropriate logic levels specify that logic inputs are within a 0.5V of
ground or VCC for the corresponding inactive state.
3. I/O pins of fast mode devices must not obstruct the SDA and SCL lines if VCC is switched off.
4. Address Inputs, A0, A1, and A2, should be tied to either VCC or GND depending on the desired
address selections.
5. ISTBY specified with for VCC equal 3.0V and 5.0V and control port logic pins are driven to the
appropriate logic levels. Appropriate logic levels specify that logic inputs are within a 0.5V of
ground or VCC for the corresponding inactive state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com