Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3908 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS3908
Description  Dual, 64-Position Nonvolatile Digital Potentiometer with Buffered Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3908 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS3908 Datasheet HTML 1Page - Maxim Integrated Products DS3908 Datasheet HTML 2Page - Maxim Integrated Products DS3908 Datasheet HTML 3Page - Maxim Integrated Products DS3908 Datasheet HTML 4Page - Maxim Integrated Products DS3908 Datasheet HTML 5Page - Maxim Integrated Products DS3908 Datasheet HTML 6Page - Maxim Integrated Products DS3908 Datasheet HTML 7Page - Maxim Integrated Products DS3908 Datasheet HTML 8Page - Maxim Integrated Products DS3908 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Dual, 64-Position Nonvolatile Digital
Potentiometer with Buffered Outputs
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = -40°C to +85°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage on VCC, SDA, and SCL Relative to GND .....-0.5V to +6.0V
Voltage on A0, A1, A2, L0, L1, H0, H1, and WP Relative
to GND................-0.5V to (VCC + 0.5V) (not to exceed +6.0V)
Operating Temperature Range ...........................-40°C to +85°C
Programming Temperature Range .........................0°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature ............Refer to J-STD-020 Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
+3.0
+5.5
V
Input Logic 1
(SCL, SDA, A0, A1, A2, WP)
VIH
0.7 x
VCC
VCC +
0.3
V
Input Logic 0
(SCL, SDA, A0, A1, A2, WP)
VIL
-0.3
0.3 x
VCC
V
Potentiometer Voltage
(L0, L1, H0, H1)
VCC = +3.0V to +5.5V
-0.3
VCC +
0.3V
V
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage
IL
-1
+1
µA
Standby Supply Current
ISTBY
VCC = 5.5V (Note 2)
2
mA
VOL1
3mA sink current
0
0.4
Low-Level Output Voltage
(SDA)
VOL2
6mA sink current
0
0.6
V
I/O Capacitance
CI/O
10
pF
WP Internal Pullup Resistance
RWP
40
65
100
k
Ω
ANALOG POTENTIOMETER CHARACTERISTICS
(VCC = +3.0V to +5.5V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
End-to-End Resistance
+25°C
79
100
121
k
Ω
Absolute Linearity
INL
(Notes 3, 4)
-0.6
+0.6
LSB
Relative Linearity
DNL
(Notes 4, 5)
-0.25
+0.25
LSB
End-to-End Temperature
Coefficient
50
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com