Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX125 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74LCX125
Description  Low-voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX125 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 74LCX125 Datasheet HTML 3Page - STMicroelectronics 74LCX125 Datasheet HTML 4Page - STMicroelectronics 74LCX125 Datasheet HTML 5Page - STMicroelectronics 74LCX125 Datasheet HTML 6Page - STMicroelectronics 74LCX125 Datasheet HTML 7Page - STMicroelectronics 74LCX125 Datasheet HTML 8Page - STMicroelectronics 74LCX125 Datasheet HTML 9Page - STMicroelectronics 74LCX125 Datasheet HTML 10Page - STMicroelectronics 74LCX125 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74LCX125
Electrical characteristics
Doc ID 4980 Rev 8
7/16
Table 8.
AC electrical characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
CL
(pF)
RL
(
Ω)
ts = tr
(ns)
-40 to 85 °C
Min.
Max.
tPLH, tPHL
Propagation delay
time
2.7
50
500
2.5
6.0
ns
3.0 to 3.6
1.0
5.2
tPZL, tPZH
Output enable
time to HIGH and
LOW level
2.7
50
500
2.5
1.0
6.0
ns
3.0 to 3.6
1.0
5.0
tPLZ, tPHZ
Output disable
time to HIGH and
LOW level
2.7
50
500
2.5
1.0
6.0
ns
3.0 to 3.6
1.0
5.0
tOSLH
tOSHL
Output to output
skew time (1) (2)
1.
Skew is defined as the absolute value of the difference between the actual propagation delay for any two
outputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|,
tOSHL = | tPHLm - tPHLn|).
2.
Parameter guaranteed by design.
3.0 to 3.6
50
500
2.5
1.0
ns
Table 9.
Capacitive characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25 °C
Min.
Typ.
Max.
CIN
Input capacitance
3.3
VIN = 0 to VCC
5pF
COUT
Output capacitance
3.3
VIN = 0 to VCC
10
pF
CPD
Power dissipation
capacitance(1)
1.
CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the
operating current consumption without load. (Refer to Table 10: Test circuit. Average operating current can
be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per gate).
3.3
fIN = 10 MHz
VIN = 0 or VCC
37
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com