Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1364621 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1364621
Description  Network cable - SPE-T1-M12MS/ 2,0-99B/M12FS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1364621 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1364621 Datasheet HTML 1Page - PHOENIX CONTACT 1364621 Datasheet HTML 2Page - PHOENIX CONTACT 1364621 Datasheet HTML 3Page - PHOENIX CONTACT 1364621 Datasheet HTML 4Page - PHOENIX CONTACT 1364621 Datasheet HTML 5Page - PHOENIX CONTACT 1364621 Datasheet HTML 6Page - PHOENIX CONTACT 1364621 Datasheet HTML 7Page - PHOENIX CONTACT 1364621 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Zinc die-cast, nickel-plated (Screw connection)
FKM (Seal)
Insertion/withdrawal cycles
≤ 100
Ambient temperature (operation)
-25 °C ... 85 °C
Cable / line
Cable length
2 m
Single Pair Ethernet PUR flexible, green [99B]
Dimensional drawing
Cable weight
42 kg/km
UL AWM Style
20233 (80°C/300 V)
Number of positions
2
Shielded
yes
Cable type
Single Pair Ethernet PUR flexible, green [99B]
Conductor structure
1 x 2 x AWG 22/7, S/FTP
Conductor structure signal line
7x
AWG signal line
22
Conductor cross section
2x 0.34 mm²
Wire diameter incl. insulation
1.8 mm
External cable diameter
5.8 mm ±0.3 mm
Outer sheath, material
PUR
External sheath, color
green
Conductor material
Bare Cu litz wires
Material wire insulation
Foamed PE
Single wire, color
white, blue
Thickness, outer sheath
0.8 mm
Twisted pairs
2 cores to the pair
Overall twist
1 pair with fillers twisted horizontally
Optical shield covering
90 %
Insulation resistance
≥ 5 GΩ*km
Loop resistance
≤ 120.00 Ω/km
Wave impedance
100 Ω ±5 Ω (at 100 MHz)
Cable capacity
48 nF/km
Nominal voltage, cable
≤ 100 V
Test voltage Core/Core
1000 V (50 Hz, 1 min.)
Test voltage Core/Shield
1000 V (50 Hz, 1 min.)
Network cable - SPE-T1-M12MS/ 2,0-99B/M12FS
1364621
https://www.phoenixcontact.com/us/products/1364621
Nov 16, 2022, 5:20 AM
Page 3 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com