Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP10P6F6 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STP10P6F6
Description  P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10P6F6 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STP10P6F6 Datasheet HTML 16Page - STMicroelectronics STP10P6F6 Datasheet HTML 17Page - STMicroelectronics STP10P6F6 Datasheet HTML 18Page - STMicroelectronics STP10P6F6 Datasheet HTML 19Page - STMicroelectronics STP10P6F6 Datasheet HTML 20Page - STMicroelectronics STP10P6F6 Datasheet HTML 21Page - STMicroelectronics STP10P6F6 Datasheet HTML 22Page - STMicroelectronics STP10P6F6 Datasheet HTML 23Page - STMicroelectronics STP10P6F6 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
DocID022967 Rev 5
23/24
STD10P6F6, STF10P6F6, STP10P6F6, STU10P6F6
Revision history
24
5
Revision history
Table 14. Document revision history
Date
Revision
Changes
10-May-2012
1
First release.
20-Jun-2012
2
Updated title on the cover page.
Updated all parameter values in Table 5, Table 6 and Figure 1.
17-May-2013
3
– Added: TO-220FP and IPAK packages
– Updated: RDS(on) value in cover page, Rthj-case values, Table 5, 6
and 7 typical values
– Updated mechanical data only for DPAK in Section 4: Package
information
24-Apr-2014
4
– Updated: Figure 2 and 3
– Updated: Section 4.1: DPAK package information and Section 4.4:
TO-220 package information
– Minor text changes
27-Jul-2015
5
– All voltage and current polarities inverted
– Added: note in Section 2.1: Electrical characteristics (curves)
– Updated: Section 4.1 and Section 4.5
– Text and formatting changes throughout document



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com