Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD9N80K5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD9N80K5
Description  N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFET in a DPAK package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD9N80K5 Datasheet(HTML) 3 Page - STMicroelectronics

  STD9N80K5 Datasheet HTML 1Page - STMicroelectronics STD9N80K5 Datasheet HTML 2Page - STMicroelectronics STD9N80K5 Datasheet HTML 3Page - STMicroelectronics STD9N80K5 Datasheet HTML 4Page - STMicroelectronics STD9N80K5 Datasheet HTML 5Page - STMicroelectronics STD9N80K5 Datasheet HTML 6Page - STMicroelectronics STD9N80K5 Datasheet HTML 7Page - STMicroelectronics STD9N80K5 Datasheet HTML 8Page - STMicroelectronics STD9N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
2
Electrical characteristics
TC = 25 °C unless otherwise specified
Table 4. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS Drain-source breakdown voltage
VGS = 0 V, ID = 1 mA
800
V
IDSS
Zero gate voltage Drain current
VGS = 0 V, VDS = 800 V
1
µA
VGS = 0 V, VDS = 800 V, TC = 125 °C (1)
50
µA
IGSS
Gate-body leakage current
VDS = 0 V, VGS = ±20 V
±10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID =100 µA
3
4
5
V
RDS(on)
Static drain-source on-resistance
VGS = 10 V, ID = 3.5 A
0.73
0.90
Ω
1. Defined by design, not subject to production test.
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz, VGS = 0 V
-
340
-
pF
Coss
Output capacitance
-
37
-
pF
Crss
Reverse transfer capacitance
-
0.65
-
pF
Co(tr) (1) Equivalent capacitance time related
VDS = 0 to 640 V, VGS = 0 V
-
61
-
pF
Co(er) (2)
Equivalent capacitance energy
related
-
22
-
pF
Rg
Intrinsic gate resistance
f = 1 MHz , ID= 0 A
-
7
-
Ω
Qg
Total gate charge
VDD = 640 V, ID = 7 A
VGS= 0 to 10 V
See (Figure 15. Test circuit for gate charge behavior)
-
12
-
nC
Qgs
Gate-source charge
-
3.8
-
nC
Qgd
Gate-drain charge
-
6.7
-
nC
1. Co(tr) is a constant capacitance value that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
2. Co(er) is a constant capacitance value that gives the same stored energy as Coss while VDS is rising from 0 to 80% VDSS
Table 6. Switching times
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
td(on)
Turn-on delay
time
VDD= 400 V, ID =3.5 A, RG = 4.7 Ω
VGS = 10 V
See (Figure 14. Test circuit for resistive load switching times and
Figure 19. Switching time waveform)
-
11
-
ns
tr
Rise time
-
5.7
-
ns
td(off)
Turn-off delay
time
-
65.3
-
ns
tf
Fall time
-
13.6
-
ns
STD9N80K5
Electrical characteristics
DS11297 - Rev 3
page 3/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com