Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STULED624 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STULED624
Description  N-channel 620 V, 2.2 Ω typ., 4.0 A Power MOSFET in DPAK, I2PAKFP, TO-220 and IPAK packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULED624 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STULED624 Datasheet HTML 4Page - STMicroelectronics STULED624 Datasheet HTML 5Page - STMicroelectronics STULED624 Datasheet HTML 6Page - STMicroelectronics STULED624 Datasheet HTML 7Page - STMicroelectronics STULED624 Datasheet HTML 8Page - STMicroelectronics STULED624 Datasheet HTML 9Page - STMicroelectronics STULED624 Datasheet HTML 10Page - STMicroelectronics STULED624 Datasheet HTML 11Page - STMicroelectronics STULED624 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical characteristics
STDLED624, STFILED624, STPLED624, STULED624
8/22
DocID024407 Rev 1
Figure 14. Source-drain diode forward
characteristics
Figure 15. Maximum avalanche energy vs
temperature
VSD
0
1
ISD(A)
(V)
0.5
2.5
1.5
2
0.4
0.5
0.6
0.7
0.8
0.9
TJ=-50°C
TJ=150°C
TJ=25°C
3
3.5
AM15337v1
Eoss
20
10
0
0
VDS(V)
(µJ)
40
30
20
40
50
80
60
60
70
80
90
100 120
100
AM15328v1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com