Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE38N60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STE38N60
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE38N60 Datasheet(HTML) 1 Page - STMicroelectronics

  STE38N60 Datasheet HTML 1Page - STMicroelectronics STE38N60 Datasheet HTML 2Page - STMicroelectronics STE38N60 Datasheet HTML 3Page - STMicroelectronics STE38N60 Datasheet HTML 4Page - STMicroelectronics STE38N60 Datasheet HTML 5Page - STMicroelectronics STE38N60 Datasheet HTML 6Page - STMicroelectronics STE38N60 Datasheet HTML 7Page - STMicroelectronics STE38N60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image


Similar Part No. - STE38N60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE38NB50 STMICROELECTRONICS-STE38NB50 Datasheet
280Kb / 8P
N - CHANNEL 500V - 0.11 ohm - 38A - ISOTOP PowerMESH MOSFET
Jun-1998
logo
New Jersey Semi-Conduct...
STE38NB50 NJSEMI-STE38NB50 Datasheet
382Kb / 4P
N - CHANNEL 500V - 0.11 Q - 38A - ISOTOP
logo
STMicroelectronics
STE38NB50F STMICROELECTRONICS-STE38NB50F Datasheet
89Kb / 8P
N - CHANNEL 500V - 0.11 ohm - 38A - ISOTOP PowerMESH MOSFET
Dec-1999
More results

Similar Description - STE38N60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NA60 STMICROELECTRONICS-STD2NA60 Datasheet
172Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STD3N30L STMICROELECTRONICS-STD3N30L Datasheet
170Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STD3NA50 STMICROELECTRONICS-STD3NA50 Datasheet
172Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STE250N06 STMICROELECTRONICS-STE250N06 Datasheet
330Kb / 8P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
May-1995
STE26N50 STMICROELECTRONICS-STE26N50 Datasheet
154Kb / 8P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
Jul-1993
STE36N50 STMICROELECTRONICS-STE36N50 Datasheet
250Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
STE36N50A STMICROELECTRONICS-STE36N50A Datasheet
160Kb / 8P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
Sep-1994
STE100N20 STMICROELECTRONICS-STE100N20 Datasheet
156Kb / 8P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
Jul-1993
STE150N10 STMICROELECTRONICS-STE150N10 Datasheet
157Kb / 8P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
Jul-1993
STE180N05 STMICROELECTRONICS-STE180N05 Datasheet
159Kb / 8P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
Jul-1993
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com