Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF18N60M6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STF18N60M6
Description  N-channel 600 V, 230 mΩ typ., 13 A, MDmesh™ M6 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF18N60M6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STF18N60M6 Datasheet HTML 2Page - STMicroelectronics STF18N60M6 Datasheet HTML 3Page - STMicroelectronics STF18N60M6 Datasheet HTML 4Page - STMicroelectronics STF18N60M6 Datasheet HTML 5Page - STMicroelectronics STF18N60M6 Datasheet HTML 6Page - STMicroelectronics STF18N60M6 Datasheet HTML 7Page - STMicroelectronics STF18N60M6 Datasheet HTML 8Page - STMicroelectronics STF18N60M6 Datasheet HTML 9Page - STMicroelectronics STF18N60M6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Figure 7. Capacitance variations
GIPG311020181051CVR
10 3
10 2
10 1
10 0
10 -1
10 0
10 1
10 2
C
(pF)
VDS (V)
CISS
COSS
CRSS
f = 1 MHz
Figure 8. Output capacitance stored energy
GADG311020181207EOS
6
5
4
3
2
1
0
0
100 200 300 400 500 600
EOSS
(µJ)
VDS (V)
Figure 9. Normalized gate threshold voltage vs
temperature
GIPG311020181049VTH
1.1
1.0
0.9
0.8
0.7
0.6
-75
-25
25
75
125
VGS(th)
(norm.)
ID =250 A
TJ (°C)
Figure 10. Normalized on-resistance vs temperature
GIPG311020181049RON
2.5
2.0
1.5
1.0
0.5
0.0
-75
-25
25
75
125
RDS(on)
(norm.)
VGS = 10 V
TJ (°C)
Figure 11. Normalized V(BR)DSS vs temperature
GIPG311020181050BDV
1.10
1.05
1.00
0.95
0.90
0.85
-75
-25
25
75
125
V(BR)DSS
(norm.)
ID = 1 mA
TJ (°C)
Figure 12. Source-drain diode forward characteristics
GIPG311020181051SDF
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0
2
4
6
8
10
12
VSD
(V)
ISD (A)
Tj = -50 °C
Tj = 25 °C
Tj = 150 °C
STF18N60M6
Electrical characteristics (curves)
DS12841 - Rev 1
page 6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com