Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF4LN80K5 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STF4LN80K5
Description  N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF4LN80K5 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STF4LN80K5 Datasheet HTML 5Page - STMicroelectronics STF4LN80K5 Datasheet HTML 6Page - STMicroelectronics STF4LN80K5 Datasheet HTML 7Page - STMicroelectronics STF4LN80K5 Datasheet HTML 8Page - STMicroelectronics STF4LN80K5 Datasheet HTML 9Page - STMicroelectronics STF4LN80K5 Datasheet HTML 10Page - STMicroelectronics STF4LN80K5 Datasheet HTML 11Page - STMicroelectronics STF4LN80K5 Datasheet HTML 12Page - STMicroelectronics STF4LN80K5 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Revision history
STF4LN80K5
12/13
DocID027806 Rev 2
5
Revision history
Table 11: Document revision history
Date
Revision
Changes
04-Jun-2015
1
First release.
18-May-2016
2
Document status promoted from preliminary data to production
data.
Updated Figure 1: "Internal schematic diagram".
Updated Section 1: "Electrical ratings", Section 2: "Electrical
characteristics".
Added Section 2.1: "Electrical characteristics (curves)".
Updated Section 3: "Test circuits".
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com