Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM101 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # AM101
Description  1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

AM101 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  AM101 Datasheet HTML 1Page - Pan Jit International Inc. AM101 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
DATE : OCT.02.2002
MOUNTEDONPCBOARD.
TA 0.5"(12.7mm) LEAD LENGTH
60Hz RESISTIVE OR INDUCTIVE LOAD
AMBIENT TEMPERATURE C
O
Fig . 1- DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
RATING AND CHARACTERISTIC CURVES
INSTANTANEOUS FORWARD VOLTAGE,V OLTS
Fig . 2- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISITCS (25OC)
PERCENTOFPEAKREVERSE VOLTAGE
Fig . 3- TYPICALREAKREVERSE CHARACTERISTICS
T = 100 C
C
O
T= 25 C
A
O
NO.OFCYCLESAT60Hz
Fig . 4- MAXIMUM NON-REPETITEVE PEAK
FORWARD SURGE CURRENT
3.0
2.0
1.0
0
0
50
100
150
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
50
40
30
20
10
0
1
2
6
10
20
40
60
100
.02
.01
.03
.05
.07
.1
.2
.3
.5
.7
.8
.9
1.0
2.0
3.0
4.0
5.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.5
2.5
0.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com