Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLP2016WR47M Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part # MLP2016WR47M
Description  System Power IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MLP2016WR47M Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button MLP2016WR47M Datasheet HTML 10Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 11Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 12Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 13Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 14Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 15Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 16Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 17Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 18Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
TC7738WBG
2016-11-17
14
8.3.4.
Startup sequence
TC7738WBG can change the timing by writing to eFuse when the power supply of each channel turns ON. Delay time
can set maximum SLT6 (3 ms (typ.)) for each channel, assuming that the SLOT time 0.5 ms (typ.) is one step.
The following shows the startup sequence of each power supply of “TC7738WBG-P00”. P00 means the setting code.
(Example) TC7738WBG-P00 setting
SLT0: CH5, CH6, LDO2
SLT1: CH2, CH3, CH4
SLT2: CH1, LDO1
VIN = 3.3 V, VSEL0 = H, MODE_SEL = L, FB1 = L
3.3V (typ.)
2.8V (typ.)
Tss
3.3V
Voltage output of
register setting
Default output voltage according to
VSEL0
CH1 (BYPASS-mode) operation start
6ms (typ.)
LDO2 (BYPASS-mode) operation start
3.3V
1.2V
1.8V
1.8V
0.9V
0.9V
1.8V
3.3V
CH4 (DC-DC4) operation start
LDO1 operation start
VOUT
RESETn pin output signal
VIN
CH5 (DC-DC5) operation start
CH6 (DC-DC6) operation start
CH2 (DC-DC2) operation start
CH3 (DC-DC3) operation start
1.9V (typ.)
IC startup
UVLO deacitive detection signal
RESETn deactive detection signal
SLOT1 SLOT2
SLOT0
0.5ms(typ)
1.0ms(typ)
Note: UVLO deactive detection signal and RESETn deactive detection signal are internal signals.
Figure 8-6
Startup ON sequence (TC7738WBG-P00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com