Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB100N10F7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STB100N10F7
Description  N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB100N10F7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STB100N10F7 Datasheet HTML 2Page - STMicroelectronics STB100N10F7 Datasheet HTML 3Page - STMicroelectronics STB100N10F7 Datasheet HTML 4Page - STMicroelectronics STB100N10F7 Datasheet HTML 5Page - STMicroelectronics STB100N10F7 Datasheet HTML 6Page - STMicroelectronics STB100N10F7 Datasheet HTML 7Page - STMicroelectronics STB100N10F7 Datasheet HTML 8Page - STMicroelectronics STB100N10F7 Datasheet HTML 9Page - STMicroelectronics STB100N10F7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Figure 7. Output characteristics
ID
150
100
50
0
0
2
VDS(V)
4
(A)
1
3
200
250
VGS=10V
300
6V
7V
8V
9V
5V
AM15757v1
Figure 8. Transfer characteristics
ID
150
100
50
0
VGS(V)
(A)
2
200
250
300
VDS=5V
3
4
5
6
7
8
9 10
AM15745v1
Figure 9. Normalized V(BR)DSS vs temperature
V(BR)DSS
TJ(°C)
(norm)
ID=250 µA
1.02
0.98
0.96
0.94
-55
-5
-30
70
20 45
95 120
1
1.04
AM15747v1
Figure 10. Static drain-source on-resistance
RDS(on)
6.0
4.0
2.0
0.0
0
40
ID(A)
20
60
8.0
10.0
12.0
14.0
VGS=10V
100
80
(mΩ)
AM15748v1
Figure 11. Gate charge vs gate-source voltage
VGS
6
4
2
0
0
20
Qg(nC)
(V)
8
40
60
10
VDD=50V
ID=80A
12
AM15758v1
Figure 12. Capacitance variations
C
3000
2000
1000
0
0
20
VDS(V)
(pF)
10
30
Ciss
Coss
Crss
40 50 60 70 80
4000
5000
AM15759v1
STB100N10F7,STD100N10F7,STF100N10F7,STI100N10F7,STP100N10F7
Electrical characteristics (curves)
DS9291 - Rev 5
page 6/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com