Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB18N60M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB18N60M2
Description  N-channel 600 V, 0.255 Ω typ., 13 A MDmesh M2 Power MOSFETs in D2PAK,I2PAK, TO-220 and TO-247 packages
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB18N60M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STB18N60M2 Datasheet HTML 1Page - STMicroelectronics STB18N60M2 Datasheet HTML 2Page - STMicroelectronics STB18N60M2 Datasheet HTML 3Page - STMicroelectronics STB18N60M2 Datasheet HTML 4Page - STMicroelectronics STB18N60M2 Datasheet HTML 5Page - STMicroelectronics STB18N60M2 Datasheet HTML 6Page - STMicroelectronics STB18N60M2 Datasheet HTML 7Page - STMicroelectronics STB18N60M2 Datasheet HTML 8Page - STMicroelectronics STB18N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
2
3
TO-247
1
2
3
TAB
TO-220
D2PAK
I2PAK
TAB
TAB
1
2
1
3
3
, TAB
1
D
(
)
(2
)
G
S 3
( )
AM15572V1
Features
Order codes
VDS @ TJmax
RDS(on) max.
ID
Package
STB18N60M2
650 V
0.280 Ω
13 A
D²PAK
STI18N60M2
I²PAK
STP18N60M2
TO-220
STW18N60M2
TO-247
•
Extremely low gate charge
•
Excellent output capacitance (COSS) profile
•
100% avalanche tested
•
Zener-protected
Application
•
Switching applications
•
LLC converters, resonant converters
Description
These devices are N-channel Power MOSFETs developed using the MDmesh™ M2
technology. Thanks to their strip layout and improved vertical structure, these devices
exhibit low on-resistance and optimized switching characteristics, rendering them
suitable for the most demanding high-efficiency converters.
Product status link
STB18N60M2
STI18N60M2
STP18N60M2
STW18N60M2
N-channel 600 V, 0.255 Ω typ., 13 A MDmesh M2 Power MOSFETs in D2PAK,
I2PAK, TO-220 and TO-247 packages
STB18N60M2, STI18N60M2
STP18N60M2, STW18N60M2
Datasheet
DS9714 - Rev 4 - November 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STB18N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB18N60M2 STMICROELECTRONICS-STB18N60M2 Datasheet
1Mb / 21P
Low gate input resistance
28-Feb-2014
logo
Inchange Semiconductor ...
STB18N60M2 ISC-STB18N60M2 Datasheet
350Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB18N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP26NM60N STMICROELECTRONICS-STP26NM60N Datasheet
1Mb / 24P
N-channel 600 V, 0.135 Ω typ., 20 A MDmesh™II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
20-Jun-2012
STF26NM60N STMICROELECTRONICS-STF26NM60N Datasheet
1Mb / 23P
N-channel 600 V, 0.135 ohm typ., 20 A MDmesh II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
20-Jun-2012
STF20N65M5 STMICROELECTRONICS-STF20N65M5 Datasheet
1Mb / 21P
N-channel 650 V, 0.160 Ω typ., 18 A MDmesh™ V Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
February 2013 Rev 2
STF34N65M5 STMICROELECTRONICS-STF34N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.09 typ., 28 A MDmesh V Power MOSFETs in D2PAK, I2PAK, TO-220 and TO-247 packages
02-Oct-2013
STF40N60M2 STMICROELECTRONICS-STF40N60M2 Datasheet
1Mb / 22P
N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
13-May-2014
STFI40N60M2 STMICROELECTRONICS-STFI40N60M2 Datasheet
1Mb / 21P
N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
13-May-2014
STB42N60M2-EP STMICROELECTRONICS-STB42N60M2-EP Datasheet
393Kb / 20P
N-channel 600 V, 0.076 Ω typ., 34 A MDmesh™ M2 EP Power MOSFETs in D²PAK, TO-220 and TO-247 packages
20-Jan-2015
STP26N60M2 STMICROELECTRONICS-STP26N60M2 Datasheet
804Kb / 16P
N-channel 600 V, 0.14 Ω typ., 20 A MDmesh™ M2 Power MOSFETs in TO-220 and TO-247 packages
March 2017 Rev 2
STF40N60M2 STMICROELECTRONICS-STF40N60M2_V01 Datasheet
886Kb / 18P
N-channel 600 V, 0.078 Ω typ., 34 A MDmesh M2 Power MOSFETs in TO-220FP, I2PAKFP and TO-3PF packages
28-Sep-2016
STP9N80K5 STMICROELECTRONICS-STP9N80K5 Datasheet
795Kb / 16P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFETs in a TO-220 and TO-247 packages
26-Jul-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com