Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STULED625H Datasheet(PDF) 7 Page - STMicroelectronics

Part # STULED625H
Description  N-channel 650 V, 1.7 Ω typ., 4.5 A Power MOSFET in I2PAKFP, TO-220 and IPAK packages
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULED625H Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STULED625H Datasheet HTML 3Page - STMicroelectronics STULED625H Datasheet HTML 4Page - STMicroelectronics STULED625H Datasheet HTML 5Page - STMicroelectronics STULED625H Datasheet HTML 6Page - STMicroelectronics STULED625H Datasheet HTML 7Page - STMicroelectronics STULED625H Datasheet HTML 8Page - STMicroelectronics STULED625H Datasheet HTML 9Page - STMicroelectronics STULED625H Datasheet HTML 10Page - STMicroelectronics STULED625H Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DocID024475 Rev 1
7/17
STFILED625H, STPLED625H, STULED625H
Electrical characteristics
Figure 8. Output characteristics
Figure 9. Transfer characteristics
Figure 10. Gate charge vs gate-source voltage
Figure 11. Static drain-source on-resistance
Figure 12. Capacitance variations
Figure 13. Output capacitance stored energy
ID
3
2
1
0
0
10
VDS(V)
20
(A)
5
15
25
4
5
5V
6V
7V
VGS=10V
6
7
8
AM07175v1
ID
3
2
1
0
0
4
VGS(V)
8
(A)
2
6
4
5
6
VDS=15V
AM07176v1
VGS
6
4
2
0
0
5
Qg(nC)
(V)
20
8
10
15
10
VDD=496V
ID=3.8A
25
12
300
200
100
0
400
500
VDS
VDS
(V)
AM07177v1
RDS(on)
1.8
1.7
1.6
1.5
0
2
ID(A)
(
Ω)
1
3
1.9
VGS=10V
AM07178v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM07179v1
Eoss
1.5
1.0
0.5
0
0
100
VDS(V)
(µJ)
400
2.0
200 300
2.5
3.0
500
600
AM07180v1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com