Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFU10N80K5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STFU10N80K5
Description  N-channel 800 V, 0.470 Ω typ., 9 A MDmesh™ K5 Power MOSFETs in a TO-220FP and TO-220FP ultra narrow leads
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFU10N80K5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STFU10N80K5 Datasheet HTML 3Page - STMicroelectronics STFU10N80K5 Datasheet HTML 4Page - STMicroelectronics STFU10N80K5 Datasheet HTML 5Page - STMicroelectronics STFU10N80K5 Datasheet HTML 6Page - STMicroelectronics STFU10N80K5 Datasheet HTML 7Page - STMicroelectronics STFU10N80K5 Datasheet HTML 8Page - STMicroelectronics STFU10N80K5 Datasheet HTML 9Page - STMicroelectronics STFU10N80K5 Datasheet HTML 10Page - STMicroelectronics STFU10N80K5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STF10N80K5, STFU10N80K5
Electrical characteristics
DocID026564 Rev 5
7/17
Figure 6: Gate charge vs. gate-source voltage
Figure 7: Static drain-source on-resistance
Figure 8: Capacitance variations
Figure 9: Source-drain diode forward
characteristics
Figure 10: Normalized gate threshold voltage vs.
temperature
Figure 11: Normalized on-resistance vs.
temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com