Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFW3N150 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STFW3N150
Description  N-channel 1500 V, 2.5 A, 6 Ω typ., PowerMESH Power MOSFETs in TO-3PF, H2PAK-2, TO-220 and TO247 packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFW3N150 Datasheet(HTML) 2 Page - STMicroelectronics

  STFW3N150_V01 Datasheet HTML 1Page - STMicroelectronics STFW3N150_V01 Datasheet HTML 2Page - STMicroelectronics STFW3N150_V01 Datasheet HTML 3Page - STMicroelectronics STFW3N150_V01 Datasheet HTML 4Page - STMicroelectronics STFW3N150_V01 Datasheet HTML 5Page - STMicroelectronics STFW3N150_V01 Datasheet HTML 6Page - STMicroelectronics STFW3N150_V01 Datasheet HTML 7Page - STMicroelectronics STFW3N150_V01 Datasheet HTML 8Page - STMicroelectronics STFW3N150_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
1
Electrical ratings
Table 1.
Symbol
Parameter
Value
Unit
TO-3PF
H2PAK-2 TO-220 TO-247
VDS
Drain-source voltage
1500
V
VGS
Gate-source voltage
±30
V
ID
Drain current (continuous) at TC = 25 °C
2.5(1)
2.5
A
Drain current (continuous) at TC = 100 °C
1.6(1)
1.6
IDM(2)
Drain current (pulsed)
10
A
PTOT
Total power dissipation at TC = 25 °C
63
140
W
VISO
Insulation withstand voltage (RMS) from all three leads to
external heat sink (t = 1 s; TC = 25 °C)
3.5
kV
Derating factor
0.5
1.12
W/°C
Tstg
Storage temperature range
-55 to 150
°C
TJ
Operating junction temperature range
1. Limited by maximum junction temperature.
2. Pulse width limited by safe operating area.
Table 2. Thermal data
Symbol
Parameter
Value
Unit
TO-3PF
H2PAK-2 TO-220 TO-247
Rthj-case
Thermal resistance junction-case
2
0.89
°C/W
Rthj-amb
Thermal resistance junction-ambient
50
62.5
50
°C/W
Rthj-pcb(1)
Thermal resistance junction-pcb
35
°C/W
1. When mounted on 1 inch2 FR-4 board, 2 oz Cu.
Table 3.
Symbol
Parameter
Max value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by TJ max)
2.5
A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID = IAR, VDD = 50 V)
450
mJ
STFW3N150, STH3N150-2, STP3N150, STW3N150
Electrical ratings
DS5052 - Rev 12
page 2/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com