Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGD3HF60WD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGD3HF60WD
Description  3 A, 600 V ultra fast IGBT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD3HF60WD Datasheet(HTML) 1 Page - STMicroelectronics

  STGD3HF60WD Datasheet HTML 1Page - STMicroelectronics STGD3HF60WD Datasheet HTML 2Page - STMicroelectronics STGD3HF60WD Datasheet HTML 3Page - STMicroelectronics STGD3HF60WD Datasheet HTML 4Page - STMicroelectronics STGD3HF60WD Datasheet HTML 5Page - STMicroelectronics STGD3HF60WD Datasheet HTML 6Page - STMicroelectronics STGD3HF60WD Datasheet HTML 7Page - STMicroelectronics STGD3HF60WD Datasheet HTML 8Page - STMicroelectronics STGD3HF60WD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
October 2009
Doc ID 16582 Rev 1
1/10
10
STGD3HF60WD
3 A, 600 V ultra fast IGBT
Features
■ Minimal tail current
■ Low conduction and switching losses
■ Ultra fast soft recovery antiparallel diode
Applications
■ High frequency inverters
■ Motor drives
Description
The "HF" family is based on a new advanced
planar technology concept to yield an IGBT with
more stable switching performance (Eoff) versus
temperature, as well as lower conduction losses.
The STGD3HF60WD is tailored to cost effective
solution for motor drive.
Figure 1.
Internal schematic diagram
1
3
DPAK
TAB
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STGD3HF60WDT4
GD3HF60WD
DPAK
Tape and reel
www.st.com


Similar Part No. - STGD3HF60WD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD3HF60HD STMICROELECTRONICS-STGD3HF60HD Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
1Mb / 26P
4.5 A, 600 V very fast IGBT with Ultrafast diode
19-Sep-2016
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
More results

Similar Description - STGD3HF60WD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD_08 Datasheet
377Kb / 14P
40 A - 600 V - ultra fast IGBT
01-Feb-2008
STGB30NC60W STMICROELECTRONICS-STGB30NC60W Datasheet
461Kb / 16P
30 A - 600 V - ultra fast IGBT
17-Mar-2008
STGW35HF60WD STMICROELECTRONICS-STGW35HF60WD Datasheet
455Kb / 12P
35 A, 600 V ultra fast IGBT
10-May-2010
STGW45NC60WD STMICROELECTRONICS-STGW45NC60WD Datasheet
336Kb / 14P
45 A - 600 V ultra fast IGBT
05-Jun-2008
STGB19NC60S STMICROELECTRONICS-STGB19NC60S Datasheet
423Kb / 15P
20 A, 600 V fast IGBT
08-Nov-2010
STGD10NC60SD STMICROELECTRONICS-STGD10NC60SD Datasheet
1Mb / 16P
10 A, 600 V fast IGBT
14-Jun-2010
STGW35NC60WD STMICROELECTRONICS-STGW35NC60WD Datasheet
554Kb / 14P
40 A, 600 V ultra fast IGBT
11-Nov-2008
STGW40NC60W STMICROELECTRONICS-STGW40NC60W Datasheet
338Kb / 13P
40 A - 600 V - ultra fast IGBT
09-Jul-2008
STGW45HF60WD STMICROELECTRONICS-STGW45HF60WD Datasheet
468Kb / 12P
45 A, 600 V ultra fast IGBT
28-Apr-2010
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD_V01 Datasheet
545Kb / 14P
30 A, 600 V ultra fast IGBT
11-Nov-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com