Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW40H65DFB Datasheet(PDF) 14 Page - STMicroelectronics

Part # STGW40H65DFB
Description  Trench gate field-stop 650 V, 40 A high speed HB series IGBT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW40H65DFB Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STGW40H65DFB Datasheet HTML 8Page - STMicroelectronics STGW40H65DFB Datasheet HTML 9Page - STMicroelectronics STGW40H65DFB Datasheet HTML 10Page - STMicroelectronics STGW40H65DFB Datasheet HTML 11Page - STMicroelectronics STGW40H65DFB Datasheet HTML 12Page - STMicroelectronics STGW40H65DFB Datasheet HTML 13Page - STMicroelectronics STGW40H65DFB Datasheet HTML 14Page - STMicroelectronics STGW40H65DFB Datasheet HTML 15Page - STMicroelectronics STGW40H65DFB Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Revision history
Table 8. Document revision history
Date
Revision
Changes
12-Mar-2013
1
Initial release.
09-Sep-2013
2
– Modified: VCE(sat) values in cover page
– Modified: VCE(sat), VF and VGE(th) typical and max values in Table 4
– Modified: entire typical values in Table 5, 6 and 7
– Minor text changes
– Added: Section 2.1: Electrical characteristics (curves)
11-Sep-2013
3
– Updated TSTG value in Table 2: Absolute maximum ratings.
23-Sep-2013
4
– Updated units in Table 6: IGBT switching characteristics (inductive load).
31-Oct-2013
5
Updated VCE(sat) in Table 4: Static characteristics.
24-Feb-2014
6
Updated title and description in cover page.
23-Feb-2016
7
Throughout document:
- added TO-247 long leads package details
- text and formatting changes
In "Electrical ratings":
- updated "Absolute maximum ratings" table.
In "Electrical characteristics":
- updated "Static characteristics", "IGBT switching characteristics (inductive load)" and "Diode
switching characteristics (inductive load)" tables.
Updated "Electrical characteristics (curves)" section.
Updated "Package information" section.
07-Jun-2016
8
The part numbers STGWA40H65DFB and STGWT40H65DFB have been moved to a
separate datasheet.
19-Jun-2019
9
Removed maturity status indication from cover page. The document status is production data.
Updated title in cover page.
Updated Table 1. Absolute maximum ratings.
Minor text changes.
STGW40H65DFB
DS9533 - Rev 9
page 14/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com