Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW60H65DFB-4 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGW60H65DFB-4
Description  Trench gate field-stop 650 V, 60 A high speed HB series IGBT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60H65DFB-4 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGW60H65DFB-4 Datasheet HTML 5Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 6Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 7Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 8Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 9Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 10Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 11Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 12Page - STMicroelectronics STGW60H65DFB-4 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Figure 25. Thermal impedance for IGBT
K
10-1
10-2
10-5
10-4
10-3
10-2
10-1
t
p
Z
th= k R thj-C
δ = t
p / Ƭ
Ƭ
Zth = k*Rthj-c
δ = tp /Ƭ
tp
Ƭ
ZthTO2T_A
tp (s)
Figure 26. Thermal impedance for diode
STGW60H65DFB-4
Electrical characteristics (curves)
DS11665 - Rev 3
page 9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com