Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGWA60V60DF Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGWA60V60DF
Description  Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA60V60DF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGWA60V60DF Datasheet HTML 5Page - STMicroelectronics STGWA60V60DF Datasheet HTML 6Page - STMicroelectronics STGWA60V60DF Datasheet HTML 7Page - STMicroelectronics STGWA60V60DF Datasheet HTML 8Page - STMicroelectronics STGWA60V60DF Datasheet HTML 9Page - STMicroelectronics STGWA60V60DF Datasheet HTML 10Page - STMicroelectronics STGWA60V60DF Datasheet HTML 11Page - STMicroelectronics STGWA60V60DF Datasheet HTML 12Page - STMicroelectronics STGWA60V60DF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DocID024154 Rev 7
9/20
STGW60V60DF, STGWA60V60DF, STGWT60V60DF
Electrical characteristics
Figure 20. Switching times vs. collector current Figure 21. Switching times vs. gate resistance
Figure 22. Reverse recovery current vs. diode
current slope
Figure 23. Reverse recovery time vs. diode
current slope
Figure 24. Reverse recovery charge vs. diode
current slope
Figure 25. Reverse recovery energy vs. diode
current slope
AM17157v1
10
100
020
40
60
80
100
t(ns)
Ic (A)
tf
tdoff
VCC = 400V, VGE = 15V,
Tj =175°C, Rg = 4.7 Ω
tr
tdon
AM17159v1
10
100
1000
010
20
30
40
t(ns)
Rg (Ω)
t
f
t
doff
VCC= 400V, VGE = 15V,
Tj =175°C Ic = 60 A
t
r
t
don
AM17158v1
0
10
20
30
40
50
0
500
1000
1500
2000
Irm (A)
di/dt (A/μs)
Vr = 400 V, IF = 60 A
TJ=25°C
175°C
AM17160v1
0
50
100
150
200
0
500
1000
1500
2000
trr (ns)
di/dt (A/μs)
Vr = 400V, IF= 60 A
175 °C
TJ=25°C
AM17161v1
0
500
1000
1500
2000
2500
0
500
1000
1500
2000
Qrr (nC)
di/dt (A/μs)
Vr = 400V, IF = 60 A
175 °C
TJ=25°C
AM17162v1
0
200
400
600
800
1000
1200
1400
0
500
1000 1500 2000 2500 3000
Err
(μJ)
di/dt (A/μs)
V
CC = 400V, VGE = 15V, I
F = 60A
175°C
TJ=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com