Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGWA40H60DLFB Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGWA40H60DLFB
Description  Trench gate field-stop IGBT, HB series 600 V, 40 A high speed in a TO-247 long leads package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA40H60DLFB Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGWA40H60DLFB Datasheet HTML 5Page - STMicroelectronics STGWA40H60DLFB Datasheet HTML 6Page - STMicroelectronics STGWA40H60DLFB Datasheet HTML 7Page - STMicroelectronics STGWA40H60DLFB Datasheet HTML 8Page - STMicroelectronics STGWA40H60DLFB Datasheet HTML 9Page - STMicroelectronics STGWA40H60DLFB Datasheet HTML 10Page - STMicroelectronics STGWA40H60DLFB Datasheet HTML 11Page - STMicroelectronics STGWA40H60DLFB Datasheet HTML 12Page - STMicroelectronics STGWA40H60DLFB Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
STGWA40H60DLFB
Electrical characteristics
DocID030367 Rev 1
9/15
nF
Lsnub= 0.1mH, VGE= 15V,
VCC= 320V, IC= 40A, Rg
= 10Ω
TJ= 175°C
TJ= 25°C
Figure 20: Switching times vs. collector current
Figure 21: Switching times vs. gate resistance
Figure 22: Switching-off energy vs. capacitive load
A
TJ= 175°C, VGE= 15V,
RG
= 10Ω, VCC= 400V
Ω
TJ= 175°C, VGE= 15V,
IC= 40A, VCC= 400V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com