Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGWA50IH65DF Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGWA50IH65DF
Description  Trench gate field-stop 650 V, 50 A, soft switching IH series IGBT in a TO-247 long leads package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA50IH65DF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGWA50IH65DF Datasheet HTML 3Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 4Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 5Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 6Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 7Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 8Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 9Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 10Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Figure 13. Gate charge vs gate-emitter voltage
IGBT051020171520GCGE
15
12
9
6
3
0
0
40
80
120
160
VGE
(V)
Qg (nC)
VCC = 520 V, IC = 50 A, IG = 1 mA
Figure 14. Switching energy vs collector current
IGBT051020171522SLC
2
1
0
0
30
60
90
E
(mJ)
IC (A)
VCC =400 V, RG = 22 Ω,
VGE = 15 V, Tj = 175 °C
Eoff
Figure 15. Switching energy vs temperature
IGBT051020171526SLT
1.1
1.0
0.9
0.8
0
50
100
150
E
(mJ)
TJ (°C)
VCC = 400 V, IC = 50 A,
RG = 22 Ω, VGE = 15 V
Eoff
Figure 16. Switching energy vs collector-emitter voltage
IGBT051020171526SLV
1.4
1.2
1.0
0.8
0.6
150
250
350
450
E
(mJ)
VCE (V)
IC = 50 A, RG = 22 Ω,
VGE = 15 V, Tj = 175 °C
Eoff
Figure 17. Switching times vs collector current
IGBT091020171348STC
10 2
10 1
10 0
0
30
60
90
t
(ns)
IC (A)
VCC = 400 V, VGE = 15 V,
RG = 22 Ω, Tj = 175 °C
tr
td(off)
tf
Figure 18. Switching energy vs snubber capacitance
IGBT101020170828SSC
0.6
0.4
0.2
0
0
30
60
90
Csnub (nF)
VCC = 320 V, RG = 10 Ω,
VGE = 15 V, IC = 50 A,
L = 100 μH
Eoff
(mJ)
TJ = 175 °C
TJ = 25 °C
STGWA50IH65DF
Electrical characteristics (curves)
DS11796 - Rev 3
page 7/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com