Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STH260N4LF7-2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STH260N4LF7-2
Description  N-channel 40 V, 1.2 mΩ typ., 180 A, STripFET™ F7 Power MOSFETs in H2PAK-2 and H2PAK-6 packages
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH260N4LF7-2 Datasheet(HTML) 4 Page - STMicroelectronics

  STH260N4LF7-2 Datasheet HTML 1Page - STMicroelectronics STH260N4LF7-2 Datasheet HTML 2Page - STMicroelectronics STH260N4LF7-2 Datasheet HTML 3Page - STMicroelectronics STH260N4LF7-2 Datasheet HTML 4Page - STMicroelectronics STH260N4LF7-2 Datasheet HTML 5Page - STMicroelectronics STH260N4LF7-2 Datasheet HTML 6Page - STMicroelectronics STH260N4LF7-2 Datasheet HTML 7Page - STMicroelectronics STH260N4LF7-2 Datasheet HTML 8Page - STMicroelectronics STH260N4LF7-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
STH260N4LF7-2, STH260NL4F7-6
4/17
DocID028261 Rev 3
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4. On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 250 µA, VGS= 0 V
40
V
IDSS
Zero gate voltage
drain current
VDS = 40 V, VGS = 0 V
1
µA
VDS = 40 V, TC = 125 °C
VGS = 0 V
100
µA
IGSS
Gate-body leakage
current
VDS = 0, VGS = +20 V
±100
nA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 250 µA
1.2
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 55 A
1.2
1.6
mΩ
VGS= 4.5 V, ID = 55 A
1.5
1.9
mΩ
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 20 V, f = 1 MHz,
VGS = 0
-
7900
-
pF
Coss
Output capacitance
-
2185
-
pF
Crss
Reverse transfer
capacitance
-78-
pF
Qg
Total gate charge
VDD = 20 V, ID =180 A,
VGS = 4.5 V
(see Figure 3)
-52-
nC
Qgs
Gate-source charge
-
25
-
nC
Qgd
Gate-drain charge
-
10
-
nC
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 20 V, ID = 90 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 7)
-44-
ns
tr
Rise time
-
42
-
ns
td(off)
Turn-off delay time
-
171
-
ns
tf
Fall time
-
37
-
ns
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com