Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC44BS373CAD Datasheet(PDF) 15 Page - Motorola, Inc

Part # MC44BS373CAD
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44BS373CAD Datasheet(HTML) 15 Page - Motorola, Inc

Back Button MC44BS373CAD Datasheet HTML 11Page - Motorola, Inc MC44BS373CAD Datasheet HTML 12Page - Motorola, Inc MC44BS373CAD Datasheet HTML 13Page - Motorola, Inc MC44BS373CAD Datasheet HTML 14Page - Motorola, Inc MC44BS373CAD Datasheet HTML 15Page - Motorola, Inc MC44BS373CAD Datasheet HTML 16Page - Motorola, Inc MC44BS373CAD Datasheet HTML 17Page - Motorola, Inc MC44BS373CAD Datasheet HTML 18Page - Motorola, Inc MC44BS373CAD Datasheet HTML 19Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
MOTOROLA
MC44BS373CA Data Sheet
15
Video Characteristics
Notes:
1. See Section 14, “Characterization Measurement Conditions.”
2. See Figure 4.
Figure 4. Typical Video Performance
Video input impedance
500
—
—
K
Ω
A
Peak white clip
Video modulation depth for
video = 1.4 VCVBS
90.5
94
97.5
%
B
Video S /N
No sound modulation,100% white video
Using CCIR Rec.567 weighting
filter
53
56
—
dB
C
1, 2
Unweighted
48
53
—
C
1
Differential phase
CCIR test line 330, worst case
from first 4 steps out of 5
–5
—
5
deg
C
1
Differential gain
CCIR test line 330, worst case
from first 4 steps out of 5
–5
—
5
%
C
1
Luma/Sync ratio
Input ratio 7.0:3.0
6.8/3.2
7.0/3.0
7.2/2.8
—
B
PAL video modulation
depth (SYSL = 0)
76
82
88
%
B
1, 2
SECAM video
modulation depth
(SYSL = 1)
87
93
99
%
B
1, 2
Table 21. Video Performance Characteristics (continued)
Parameter
Test Conditions
Minimum
Typical
Maximum
Unit
Type Notes
Video Signal to Noise
(w ith CCIR Weighting filter)
48
50
52
54
56
58
60
62
471
521
571
621
671
721
771
821
871
Frequency (Mhz)
PAL Video Modulation Depth
74
76
78
80
82
84
86
88
90
471
521
571
621
671
721
771
821
871
Frequency (Mhz)
SECAM Video Modulation Depth
84
86
88
90
92
94
96
98
100
102
471
521
571
621
671
721
771
821
871
Frequency (Mhz)
Typical
Typical
Maximum specification
Maximum specification
Minimum specification
Minimum specification
Minimum specification
Typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com