Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1007 Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # MM1007
Description  HBS-Compatible Driver and Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1007 Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  MM1007 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1007 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1007 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1007 Datasheet HTML 4Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MITSUMI
HBS-Compatible Driver and Receiver MM1007
Absolute Maximun Ratings (Ta=25°C)
Item
Symbol
Ratings
Units
Operating temperature
TSTG
-40~+125
°C
Storage temperature
TOPR
-20~+175
°C
Bias voltage
VB max.
-0.3~+41
V
Power voltage
VCC max.
-0.3~+7
V
Allowable loss
Pd
450
mW
Recommended power supply voltage range
VCCOP
4.75~5.25
V
Recommended bias voltage range
VBOP
8~40
V
Operating power supply voltage range
VCCOP2
4.5~5.5
V
Electrical Characteristics (Except where noted therwise, Ta=25°C, VCC=5V, VB=30V, Ftransmit=10kHz (DUTY=50%))
Item
Symbol
Measurement conditions
Min. Typ. Max. Units
Power supply current
ICCO
No signal (7-8PIN=H)
7
10
mA
Power supply current
ICCON
In transmission FL=10k, RL=36
Ω
65
75
mA
Bias current pin 3
IBO
No signal (7-8PIN=H)
220
350
µA
Bias current pin 3
IBON
In transmission FL=10k, RL=36
Ω
1.5
2.2
mA
Transmission output voltage
VTO
Both pins 10 and 11
3.8
4.2
4.6
VP-P
Transmission waveform symmetry
VTR
VTO1/VTO2
0.75
1.0
1.25
Reception sensitivity
VRS
0.65
0.75
0.85
VP-P
Noise resistance
VRN
Level at which no errors are output
0.55
VP-P
Input impedance
RIN
Both pins 14 and 15
25
36
46
k
Ω
Transmission delay time 1
Td1
cf. transmit/receive waveform diagrams
0.2
µS
Transmission delay time 2
Td2
cf. transmit/receive waveform diagrams
0.4
µS
Transmission delay time 3
Td3
cf. transmit/receive waveform diagrams
0.7
µS
Transmission delay time 4
Td4
cf. transmit/receive waveform diagrams
1.0
µS
Reception output H voltage
VROH
4.5
VCC
V
Reception output L voltage
VROL
0.5
V
Transmission waveform LOSS1
VTLS1
H level input voltage
4.5
V
Transmission waveform LOSS2
VTLS2
L level input voltage
4.5
V
H level input voltage
VLIH
2.4
V
L level input voltage
VLIL
0.8
V
H level input current
ILIH
VIN=2.4V
10
µA
L level input current
ILIL
VIN=0.4V
-300
µA
When a negative voltage is applied to pins 10 and 11, there should be no abnormal operation of internal
circuits between 0 and 6V. However, if a negative voltage exceeding -6V is applied, thyristor operation may
result, so it is recommended that an external clamping diode be added.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com