Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS2205 Datasheet(PDF) 16 Page - Texas Instruments

Part # TLS2205
Description  VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS2205 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLS2205 Datasheet HTML 12Page - Texas Instruments TLS2205 Datasheet HTML 13Page - Texas Instruments TLS2205 Datasheet HTML 14Page - Texas Instruments TLS2205 Datasheet HTML 15Page - Texas Instruments TLS2205 Datasheet HTML 16Page - Texas Instruments TLS2205 Datasheet HTML 17Page - Texas Instruments TLS2205 Datasheet HTML 18Page - Texas Instruments TLS2205 Datasheet HTML 19Page - Texas Instruments TLS2205 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
SLFS040
– DECEMBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
16
PRINCIPLES OF OPERATION
spindle-current control
Spindle-current control is accomplished by regulating the current through the external sense resistor, Rsspn,
via the spindle low-side drivers (LSD). Figure 6 illustrates the arrangement for the spindle-current control
(port C, bit 5) during the start mode (SPNMODE = 1) and the run mode (SPNMODE = 0). During startup
(SPNMODE = 1), the 8-bit DAC is used to command the spindle start current. Upon switching to the run mode
(SPNMODE = 0), the 8-bit DAC is used to control the VCM and the spindle motor is switched into closed-loop
operation (see Figure 6). The transconductance function is:
Ispindle = (0.079 SPNCOMP – 0.057) / Rsspn
Note:
Rsspn is typically 0.2
Vgs 1 V
Maximum spindle current is load dependent. The following equation should be used as a guideline to determine
maximum spindle current:
Ispindle = VCC(max) / Rtotal
where:
VCC(max) = 5.5 V
Rtotal = Rsspn + 2
rDS(on) + Rspindle
_
+
8-B
D/A
8
To VCM
(see Functional
Block Diagram)
(0
– 2 V)
S
2
HSD
SPNVCC
EN
Rspn
Cspn2
R4
Rsspn
SPNSNSR2
SPNCOMP
LSD
NOTE: For startup mode (SPNMODE = 1), S = closed
For run mode (SPNMODE = 0), S = open
Area within the dotted line is internal to the device
VCC
U, V, or W
_
+
R2
Cspn1
SPNMODE
Vref
R3
R1
SPNSNSR1
SPNSW
Figure 6. Spindle-Current Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com