Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAC-MB1 Datasheet(PDF) 1 Page - Recom International Power

Part # RAC-MB1
Description  Mounting Bracket for RECOM AC/DC converters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC-MB1 Datasheet(HTML) 1 Page - Recom International Power

  RAC-MB1 Datasheet HTML 1Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.recom-power.com
REV.: 0/2022
P-1
Accessory
Features
Mounting
Bracket
• Spring steal to maintain traction
• Packed in manageable quantities
• Various mounting options for easy handling
• Replaces fastening from below
• Perfect attachment for RACM1200-V
Mounting
Bracket for
RECOM AC/DC
converters
RAC-MB1
Description
RAC-MB1 supports the mounting of power modules such as the RACM1200-V from above, with three
to four screws each on the left and right of the long sides of the housing. Access from below through
the mounting base plate is therefore not required, which is helpful in dense installations where a heavily
used mounting plate for fastening various components makes subsequent access difficult.Various screw
placement options facilitate assembly while aiding in heat transfer through the socket. This accessory is
made from stainless spring steel for durable traction and comes packaged in handy quantities.
Compatible converters
Converter
Input Voltage Range
nom. Output Voltages
Converter
Converter
Series
[VAC]
[VDC]
Dimensions [mm]
Link
RACM1200-V
85-264
24, 36, 48
228.0 x 96.2 x 40.0
RACM1200-V.pdf
DIMENSION AND PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Dimension (LxWxH)
210.0 x 17.47 x 5.0mm
Weight
19g typ.
Dimension Drawing (mm)
210
4x 15
13x Ø4.5
5.0
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
cardboard box
225.0 x 85.0 x 20.0mm
Packaging Quantity
50pcs
The product information and specifications may be subject to changes even without prior written notice.The product has been designed for various applications; its suitability lies in the responsibility of each customer. The
products are not authorized for use in safety-critical applications without RECOM’s explicit written consent. A safety-critical application is an application where a failure may reasonably be expected to endanger or cause
loss of life, inflict bodily harm or damage property. The applicant shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized
use of RECOM products in such safety-critical applications.


Similar Part No. - RAC-MB1

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC-ADAPT-ST-1 RECOM-RAC-ADAPT-ST-1 Datasheet
1Mb / 4P
Up to 488VAC input voltage range
RAC-DIN RECOM-RAC-DIN Datasheet
147Kb / 1P
DIN Rail Mounting Kit for AC/DC Converter Modules
More results

Similar Description - RAC-MB1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NF100 ETC-NF100 Datasheet
687Kb / 2P
AC/DC CONVERTERS
logo
Infineon Technologies A...
IKW20N60TA INFINEON-IKW20N60TA Datasheet
606Kb / 13P
Designed for DC/AC converters for Automotive Application
Rev. 2.2 27.08.2013
IKW50N60TA INFINEON-IKW50N60TA Datasheet
951Kb / 14P
Designed for DC/AC converters for Automotive Application
Rev. 2.3 17.09.2014
logo
Bel Fuse Inc.
BPEU2000 BEL-BPEU2000 Datasheet
738Kb / 5P
AC/DC Converters
BPEU2451 BEL-BPEU2451 Datasheet
834Kb / 5P
AC/DC Converters
BPEU2452 BEL-BPEU2452 Datasheet
736Kb / 4P
AC/DC Converters
BPEU3000 BEL-BPEU3000 Datasheet
648Kb / 4P
AC/DC Converters
logo
WAGO Kontakttechnik Gmb...
858-110 WAGO-858-110 Datasheet
90Kb / 3P
Mounting bracket
logo
Festo Corporation.
2721419 FESTO-2721419 Datasheet
66Kb / 1P
Mounting bracket
7/21/22
550217 FESTO-550217 Datasheet
68Kb / 1P
Mounting bracket
7/21/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com