Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STNRGPF02 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STNRGPF02
Description  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF02 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STNRGPF02 Datasheet HTML 16Page - STMicroelectronics STNRGPF02 Datasheet HTML 17Page - STMicroelectronics STNRGPF02 Datasheet HTML 18Page - STMicroelectronics STNRGPF02 Datasheet HTML 19Page - STMicroelectronics STNRGPF02 Datasheet HTML 20Page - STMicroelectronics STNRGPF02 Datasheet HTML 21Page - STMicroelectronics STNRGPF02 Datasheet HTML 22Page - STMicroelectronics STNRGPF02 Datasheet HTML 23Page - STMicroelectronics STNRGPF02 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
N
TYPE(1)
NAME
STNRGPF12
NAME
STNRGPF02
PIN DESCRIPTION
4
OP
SIN_REF
This pin generates a PWM signal with sinusoidal duty
cycle. This PWM signal must be filtered in order to have
the current sinusoidal reference that is synchronized with
input voltage mains.
5
OP
SET_O
This pin generates a pulse in order to trigger set ON the
CH1 channel with the right out of phase. This pin must be
connected to pin 18
6
I
ENABLE
This pin receive the CLOCK signal in order to avoid
undesired commutation
7
I
SYNCR[2]
This pin receives the PWM0 signal in order to synchronize
the others channels. The falling edge of PWM0 signal is
used to trigger OFF the slave channels CH1 and CH2
8
OP
SCR[0]
RES[2]
STNRGPF12: This pin generates the PWM signal in order
to drive one of the two switches in the input semicontrolled
bridge to performs the Inrush Current Limiter feature. The
switch can be an SCR. STNRGPF02: Reserved
9
NC
RES[0]
Reserved
10
NC
RES[1]
Reserved
11
PS
VDD
Supply Voltage
12
PS
VSS
Ground
13
PS
VOUT
Supply Voltage of digital section. An external capacitor
must be connected to VOUT pin.
14
O
PFC_FAULT
During normal operation this pin is high. If a fault condition
happens it’s forced low.
15
O
PFC_OK
During fault condition this pin is high. When the PFC is
ready for load connection it’s forced low.
16
OP
PWM[1]
This pin generates the PWM for the channel CH1
17
I
ZVD
This pin receives a square wave signal synchronized with
input AC voltage. The rising edge of square wave signal is
used by the STNRGPF12 to detect the ZVD instant.
18
I
SET_I
This pin receives a pulse in order to trigger ON the CH1
channel. This pin must be connected to pin 5
19
O
OCP
During normal operation this pin is high. If an overcurrent
occurs, it's forced low instantaneously
20
O
FAN
It generates a CMOS/TTL signal that is low until the PFC
output power is below a threshold defined during device
customization
21
OP
SCR[1]
RELAY
STNRGPF12: This pin generates the PWM signal in order
to drive one of the two switches in the input semicontrolled
bridge to performs the Inrush Current Limiter feature. The
switch can be an SCR. STNRGPF02: It generates a signal
that is low during the inrush phase. As soon as the inrush
phase is completed this signal became high and it can be
used to short the limiter resistor or to disable any current
limiter apparatus
22
O
PTX
Programming data transmit
23
I
PRX
Programming data receive
24
AI
OUT_PI[3]
Positive input of internal analog comparator 3. It receives
the out of analog PI current
25
AI
OUT_PI[2]
Positive input of internal analog comparator 3. It receives
the out of analog PI current
STNRGPF02, STNRGPF12
Pin description
DS12895 - Rev 2
page 20/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com