Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STNRGPF02TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STNRGPF02TR
Description  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF02TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STNRGPF02TR Datasheet HTML 11Page - STMicroelectronics STNRGPF02TR Datasheet HTML 12Page - STMicroelectronics STNRGPF02TR Datasheet HTML 13Page - STMicroelectronics STNRGPF02TR Datasheet HTML 14Page - STMicroelectronics STNRGPF02TR Datasheet HTML 15Page - STMicroelectronics STNRGPF02TR Datasheet HTML 16Page - STMicroelectronics STNRGPF02TR Datasheet HTML 17Page - STMicroelectronics STNRGPF02TR Datasheet HTML 18Page - STMicroelectronics STNRGPF02TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
Figure 16. Digital Inrush Current Limiter function with a semi-controlled input bridge
VAC
T1
T2
L
STNRGPF12 has embedded this technique, and it drives T1 and T2 alternately according the polarity of the
mains and applying a short ON time. To reduce the inrush current the switches are triggered at the end of the line
voltage. In this way the output capacitors initially are charged at low voltage and after it will increase smoothly
allowing also a better control of the Inrush current.
Figure 17. Digital Inrush Current Limiter function: sequence of driving of the SCR
t
vAC
T
T1
T2
T
T
T
T
T
TOFF - TON
TON
2TON
TOFF
TOFF - 2TON
TOFF-3TON
3TON
4TON
DC Bus
In order to charge the output capacitors up to the peak voltage of AC mains, the switches T1 and T2 must be
triggered on the following cycle with TON phase shift respect the previous one. (See Figure 17). If this Step
Phase Shift is very short (few microseconds) from half cycle to half cycle, thanks to the presence of the PFC
inductors, the capacitors will be charged maintaining low the line current. Usually this delay is constant, and we
call this technique “Constant Progressive Step Phase Control”.
3.7.2
PFC Soft Power-ON
After the inrush current limiter phase the device will performs the Soft Power-On phase. The current reference will
generate a constant reference signal and both PWM0 and PWM1 channels will be activated. In this phase the
PFC output voltage will increase up to the setpoint (Vout_ref).
As soon as the PFC Soft Power ON procedure is completed and the voltage reaches the setpoint Vout_ref (See
Figure 18) the device performs the following operations:
•
The PFC_OK pin is pulled low. When this pin is low indicates that the PFC is ready for load connection on
the output.
STNRGPF02, STNRGPF12
Start-up & Inrush Current Limiter function
DS12895 - Rev 2
page 15/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com