Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP14N80K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP14N80K5
Description  N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP14N80K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STP14N80K5 Datasheet HTML 1Page - STMicroelectronics STP14N80K5 Datasheet HTML 2Page - STMicroelectronics STP14N80K5 Datasheet HTML 3Page - STMicroelectronics STP14N80K5 Datasheet HTML 4Page - STMicroelectronics STP14N80K5 Datasheet HTML 5Page - STMicroelectronics STP14N80K5 Datasheet HTML 6Page - STMicroelectronics STP14N80K5 Datasheet HTML 7Page - STMicroelectronics STP14N80K5 Datasheet HTML 8Page - STMicroelectronics STP14N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
March 2016
DocID029058 Rev 1
1/14
This is information on a product in full production.
www.st.com
STP14N80K5
N-
channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5
Power MOSFET in a TO-220 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STP14N80K5
800 V
0.445 Ω
12 A
Industry’s lowest R
DS(on) x area
Industry’s best FoM (figure of merit)
Ultra-low gate charge
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
This very high voltage N-channel Power
MOSFET is designed using MDmesh™ K5
technology based on an innovative proprietary
vertical structure. The result is a dramatic
reduction in on-resistance and ultra-low gate
charge for applications requiring superior power
density and high efficiency.
Table 1: Device summary
Order code
Marking
Package
Packing
STP14N80K5
14N80K5
TO-220
Tube


Similar Part No. - STP14N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP14NF06 STMICROELECTRONICS-STP14NF06 Datasheet
247Kb / 8P
N-CHANNEL 60V - 0.1ohm - 14A TO-220 STripFET™ POWER MOSFET
Dec-2000
logo
Inchange Semiconductor ...
STP14NF06 ISC-STP14NF06 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP14NF10 STMICROELECTRONICS-STP14NF10 Datasheet
464Kb / 11P
N-CHANNEL 100V - 0.115 ohm - 15A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
June 2002
STP14NF10 STMICROELECTRONICS-STP14NF10 Datasheet
247Kb / 8P
N-CHANNEL 60V - 0.1ohm - 14A TO-220 STripFET™ POWER MOSFET
Dec-2000
STP14NF10 STMICROELECTRONICS-STP14NF10 Datasheet
516Kb / 16P
N-channel 100V - 0.115廓 - 15A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
19-Jun-2006
More results

Similar Description - STP14N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB14N80K5 STMICROELECTRONICS-STB14N80K5 Datasheet
907Kb / 16P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a D²PAK package
18-Feb-2016
STD10LN80K5 STMICROELECTRONICS-STD10LN80K5 Datasheet
842Kb / 17P
N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a DPAK package
09-Mar-2016
STD9N80K5 STMICROELECTRONICS-STD9N80K5 Datasheet
387Kb / 19P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFET in a DPAK package
12-Nov-2018
STF17N80K5 STMICROELECTRONICS-STF17N80K5 Datasheet
636Kb / 13P
N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a TO-220FP package
20-Jan-2016
STF3LN80K5 STMICROELECTRONICS-STF3LN80K5 Datasheet
716Kb / 13P
N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in a TO-220FP package
01-Jul-2016
STF4LN80K5 STMICROELECTRONICS-STF4LN80K5 Datasheet
719Kb / 13P
N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a TO-220FP package
18-May-2016
STP17N80K5 STMICROELECTRONICS-STP17N80K5 Datasheet
739Kb / 13P
N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a TO-220 package
19-May-2016
STP4LN80K5 STMICROELECTRONICS-STP4LN80K5 Datasheet
718Kb / 13P
N-channel 800 V, 2.1 Ω typ.,3 A MDmesh™ K5 Power MOSFET in a TO-220 package
18-May-2016
STW30N80K5 STMICROELECTRONICS-STW30N80K5 Datasheet
723Kb / 13P
N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a TO-247 package
21-Mar-2016
STFU14N80K5 STMICROELECTRONICS-STFU14N80K5 Datasheet
459Kb / 12P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220FP ultra narrow leads package
10-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com