Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP160N4LF6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP160N4LF6
Description  N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP160N4LF6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP160N4LF6 Datasheet HTML 2Page - STMicroelectronics STP160N4LF6 Datasheet HTML 3Page - STMicroelectronics STP160N4LF6 Datasheet HTML 4Page - STMicroelectronics STP160N4LF6 Datasheet HTML 5Page - STMicroelectronics STP160N4LF6 Datasheet HTML 6Page - STMicroelectronics STP160N4LF6 Datasheet HTML 7Page - STMicroelectronics STP160N4LF6 Datasheet HTML 8Page - STMicroelectronics STP160N4LF6 Datasheet HTML 9Page - STMicroelectronics STP160N4LF6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STP160N4LF6
6/14
DocID026266 Rev 1
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
Operation
in
this
area
is
Limited
by
max
R
DS(on)
10ms
1ms
100
µs
Tj=175°C
Tc=25°C
Single pulse
100
AM15806v1
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
150
100
50
0
0
0.4
VDS(V)
(A)
0.2
200
VGS= 3 V
VGS= 6, 7, 8, 9, 10 V
250
VGS= 4 V
VGS= 5 V
0.6
0.8
AM15797v1
ID
150
100
50
0
0
2
VGS(V)
4
(A)
200
6
VDS= 0.6V
8
250
AM15798v1
VGS
6
4
2
0
0
50
Qg(nC)
(V)
8
100
150
10
VDD=20V
200
12
ID=60V
AM15799v1
RDS(on)
1.9
1.8
1.7
30
ID(A)
(m
Ω)
10
50
2.0
2.1
20
40
60
VGS=10V
2.2
70
AM15800v2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com