Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROS-2000+ Datasheet(PDF) 2 Page - Mini-Circuits

Part # ROS-2000+
Description  Voltage Controlled Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ROS-2000+ Datasheet(HTML) 2 Page - Mini-Circuits

  ROS-2000+ Datasheet HTML 1Page - Mini-Circuits ROS-2000+ Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Performance Data & Curves*
ROS-2000+
Page 2 of 2
*at 25oC unless mentioned otherwise
ROS-2000+
Frequency and Tuning Sensitivity
1000
1300
1600
1900
2200
2500
0
2
4
6
8
10
12
14
16
18
20
Tuning Voltage (V)
20
30
40
50
60
70
FREQ. @ -55°C
FREQ. @ +25°C
FREQ. @ +85°C
T.SENS @ +25°C
ROS-2000+
Power Output
5.0
6.0
7.0
8.0
9.0
10.0
0
2
4
6
8
10
12
14
16
18
20
Tuning Voltage (V)
-55°C
+25°C
+85°C
ROS-2000+
Phase Noise Vs. Tuning Voltage
-150
-130
-110
-90
-70
-50
0
2
4
6
8
10
12
14
16
18
20
Tuning Voltage (V)
1KHz
10KHz
100KHz
1MHz
ROS-2000+
Harmonics Level
-50
-40
-30
-20
-10
0
0
2
4
6
8
10
12
14
16
18
20
Tuning Voltage (V)
F2
F3
F4
ROS-2000+
Phase Noise
-150
-140
-130
-120
-110
-100
-90
-80
-70
1
10
100
1000
Frequency Offset (KHz)
V
TUNE
FREQUENCY
POWER OUTPUT
Icc
HARMONICS (dBc)
FREQ. FREQ.
PHASE NOISE (dBc/Hz)
FREQ
PHASE
TUNE SENS
(MHz)
(dBm)
(mA)
PUSH PULL
at offsets
OFFSET NOISE at
(MHz/V)
(MHz/V) (MHz)
(KHz) 1675 MHz
-55
°C +25°C +85°C -55°C +25°C +85°C
F2
F3
F4
1kHz 10kHz 100kHz
1MHz
(dBc/Hz)
0.00
62.79 1196.8 1184.2 1174.6 9.83
8.06
6.67
21.45
-9.2
-27.5
-43.1
0.04
3.97
-74.27
-97.4
-117.8
-138.8
1.0
-72.34
0.50
56.71 1226.4 1215.6 1206.8 9.48
7.68
6.48
21.42 -10.2
-25.7
-40.3
0.09
3.76
-75.22
-98.5
-118.8
-139.5
2.1
-82.00
2.00
47.17 1306.5 1297.6 1289.6 8.25
6.83
6.06
21.34 -13.2
-22.3
-33.5
0.30
0.49
-74.97
-99.8
-120.3
-140.5
3.5
-88.51
3.00
48.25 1354.6 1344.8 1336.5 7.66
6.62
5.98
21.32 -15.9
-21.5
-32.7
0.34
4.39
-75.10
-99.9
-120.4
-140.6
6.1
-94.24
4.00
49.04 1403.7 1393.0 1384.2 7.16
6.42
5.91
21.31 -18.4
-20.2
-31.9
0.38
3.06
-75.68
-99.9
-120.2
-140.5
8.7
-98.06
5.00
51.44 1453.8 1442.0 1432.7 6.90
6.39
5.93
21.30 -20.5
-19.8
-28.8
0.40
2.15
-73.86
-99.1
-120.2
-140.3
10.0
-99.59
6.00
52.34 1506.0 1493.5 1483.6 6.81
6.43
6.01
21.30 -19.5
-19.5
-27.9
0.40
5.70
-74.52
-99.3
-120.0
-140.2
21.1
-106.69
7.00
52.64 1559.2 1545.8 1535.5 6.97
6.66
6.25
21.30 -19.7
-19.6
-28.0
0.39
3.70
-72.24
-99.5
-120.0
-140.3
36.1
-111.63
8.00
52.02 1612.4 1598.5 1587.9 7.16
6.87
6.47
21.31 -19.1
-19.8
-28.2
0.41
1.76
-73.04
-99.4
-120.2
-140.4
61.6
-116.39
9.00
50.82 1664.5 1650.5 1639.9 7.30
6.96
6.54
21.34 -19.2
-20.2
-29.8
0.40
5.36
-73.86
-99.7
-120.5
-140.7
88.0
-119.63
10.00 49.80 1715.9 1701.3 1690.5 7.36
7.02
6.64
21.34 -29.7
-20.1
-31.0
0.40
4.57
-73.01
-99.3
-120.3
-140.6
100.0
-120.73
12.00 46.25 1814.2 1799.1 1787.8 7.50
7.16
6.78
21.38 -28.4
-21.0
-35.1
0.40
6.44
-72.00
-99.1
-120.4
-140.6
125.7
-122.71
13.00 44.69 1860.1 1845.3 1834.2 7.64
7.26
6.89
21.41 -22.1
-22.8
-33.3
0.33
4.75
-72.64
-99.3
-120.4
-140.6
179.6
-125.85
14.00 43.65 1905.7 1890.0 1878.3 7.72
7.35
6.99
21.40 -20.1
-21.4
-33.3
0.32
4.04
-70.49
-97.9
-119.8
-140.0
214.7
-127.39
15.00 40.66 1949.5 1933.7 1921.8 7.86
7.46
7.10
21.43 -18.6
-20.2
-35.3
0.32
8.98
-71.20
-98.4
-119.8
-140.1
306.7
-130.52
16.00 38.29 1990.4 1974.3 1962.1 7.95
7.58
7.21
21.44 -17.4
-20.1
-33.0
0.34
0.94
-71.30
-98.5
-119.6
-139.9
360.2
-131.92
17.00 35.84 2029.4 2012.6 2000.0 8.03
7.66
7.32
21.45 -17.0
-21.2
-33.2
0.39
7.10
-70.31
-97.6
-119.3
-139.5
505.5
-134.93
18.00 32.58 2065.4 2048.5 2035.5 8.12
7.73
7.42
21.46 -16.6
-21.6
-33.4
0.44
4.50
-68.35
-97.4
-119.0
-139.1
604.2
-136.48
19.00 29.66 2098.1 2081.1 2068.1 8.20
7.84
7.51
21.47 -16.7
-22.2
-34.3
0.50
10.94 -69.39
-97.7
-118.8
-138.9
709.5
-137.90
20.00 27.99 2128.9 2110.7 2097.4 8.21
7.88
7.61
21.45 -15.9
-22.3
-34.3
0.61
9.37
-67.54
-96.8
-118.1
-138.3
1000.0
-140.92
ROS-2000+
Frequency Pulling & Pushing (Vcc ± 5%)
0.0
3.0
6.0
9.0
12.0
15.0
0
2
4
6
8
10
12
14
16
18
20
Tuning Voltage (V)
0.0
0.1
0.2
0.3
0.4
0.5
Pulling
Pushing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com