Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7987TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # A7987TR
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button A7987TR Datasheet HTML 3Page - STMicroelectronics A7987TR Datasheet HTML 4Page - STMicroelectronics A7987TR Datasheet HTML 5Page - STMicroelectronics A7987TR Datasheet HTML 6Page - STMicroelectronics A7987TR Datasheet HTML 7Page - STMicroelectronics A7987TR Datasheet HTML 8Page - STMicroelectronics A7987TR Datasheet HTML 9Page - STMicroelectronics A7987TR Datasheet HTML 10Page - STMicroelectronics A7987TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
TSSSETUP
Soft-start set-up time
Delay from UVLO rising to switching activity
(2)
640
µs
ISS CH
CSS charging current
VSS=0
4.3
5.0
5.7
mA
Error amplifier
VFB
Voltage feedback
Tj = 25 °C
0.792 0.800 0.808
V
VFB
Voltage feedback
0.788 0.800 0.812
V
VCOMPH
VFB=GND; VSS=3.2 V
3.00
3.35
3.65
V
VCOMPL
VFB=1 V; VSS=3.2 V
0.1
V
IFB
FB biasing current
VFB=3.6 V
5
50
nA
IOSOURCE
VFB=GND; SS pin floating; VCOMP=2 V
(2)
3.1
mA
IOSINK
Output stage sinking capability
Unity gain buffer configuration (FB connected to
COMP).COMP voltage variation due to IOSINK injection
lower than ± 0.1·VFB
(2)
5
mA
AV0
Error amplifier gain
(2)
100
dB
GBWP
Unity gain buffer configuration (FB connected to COMP).
No load on COMP pin
(2)
23
MHz
Synchronization (fan out: 5 slave devices max.)
fSYN MIN
Synchronization frequency
FSW floating
280
kHz
VSYNOUT
Master output amplitude
ILOAD=4 mA
2.45
V
ILOAD=0 A; pin SYNCH floating
4.0
VSYNOW
Output pulse width
ILOAD=0 A; pin SYNCH floating
150
225
275
ns
VSYNIH
SYNCH slave high level input threshold
2.0
V
VSYNIL
SYNCH slave low level input threshold
1.0
V
ISYN
Slave SYNCH pull-down current
VSYNCH = 5 V
400
650
900
µA
VSYNIW
Input pulse width
150
ns
PGOOD
VPGDTH
PGOOD rising threshold
VFB rising
0.67
0.70
0.74
V
VPGDHYST
PGOOD hysteresis
VFB falling
(2)
30
mV
VPGDLOW
PGOOD low level
IPGOOD=1 mA, VFB=GND
30
mV
IPGDLKG
PGOOD leakage current
VPGOOD=61 V;VFB=0.8 V;
Tj = 25 °C
0.1
µA
VPGOOD=61 V;VFB=0.8 V
20
Thermal shutdown
TSHDWN
Thermal shutdown temperature
(2)
170
°C
THYS
Thermal shutdown hysteresis
(2)
15
°C
1. Parameter tested in a static condition during the testing phase. The parameter value may change over
dynamic application conditions.
2. Not tested in production.
A7987
Electrical characteristics
DS12928 - Rev 3
page 7/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com