Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS120 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ACS120
Description  Overvoltage protected AC switch (ACS)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS120 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ACS120 Datasheet HTML 9Page - STMicroelectronics ACS120 Datasheet HTML 10Page - STMicroelectronics ACS120 Datasheet HTML 11Page - STMicroelectronics ACS120 Datasheet HTML 12Page - STMicroelectronics ACS120 Datasheet HTML 13Page - STMicroelectronics ACS120 Datasheet HTML 14Page - STMicroelectronics ACS120 Datasheet HTML 15Page - STMicroelectronics ACS120 Datasheet HTML 16Page - STMicroelectronics ACS120 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
DS3279 Rev 5
15/17
ACS120
Ordering information
17
4
Ordering information
Figure 23. Ordering information scheme
Table 9. Ordering information
Order code
Marking
Package
Weight
Base qty
Packing mode
ACS120-7SB
ACS1207S
DPAK
0.32 g
75
Tube
ACS120-7SB-TR
ACS1207S
DPAK
0.32 g
2500
Tape and reel
ACS120-7SFP
ACS1207S
TO-220FPAB
1.9 g
50
Tube
ACS120-7ST
ACS1207S
TO-220AB
1.9 g
50
Tube
ACS 1 20 - 7 S B - TR
ACswitch
Number of switches
Nominal conducting current IT(RMS)
20 = 2.0 A
Direct repetitive peak off-state voltageVDRM
7 = 700 V
Gate sensitivity
S = 10 mA
Package
B = DPAK
FP = TO-220FPAB
T = TO-220AB
Packing
TR = Tape and reel
Blank = Tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com