Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH802SF Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH802SF
Description  200 V ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH802SF Datasheet(HTML) 5 Page - STMicroelectronics

  STTH802SF Datasheet HTML 1Page - STMicroelectronics STTH802SF Datasheet HTML 2Page - STMicroelectronics STTH802SF Datasheet HTML 3Page - STMicroelectronics STTH802SF Datasheet HTML 4Page - STMicroelectronics STTH802SF Datasheet HTML 5Page - STMicroelectronics STTH802SF Datasheet HTML 6Page - STMicroelectronics STTH802SF Datasheet HTML 7Page - STMicroelectronics STTH802SF Datasheet HTML 8Page - STMicroelectronics STTH802SF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Figure 11. Thermal resistance junction to ambient versus copper surface under tab (typical values, epoxy
printed board FR4, eCu = 35 µm) (PSMC (TO-277A))
0
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
9
10
SCu(cm²)
Rth(j-a) (°C/W)
PSMC (TO-277A)
STTH802SF
Characteristics (curves)
DS12649 - Rev 2
page 5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com