Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW3N170 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW3N170
Description  N-channel 1700 V, 7 Ω typ., 2.6 A PowerMESH™ Power MOSFETs in TO-247 and TO-247 long leads packages
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW3N170 Datasheet(HTML) 1 Page - STMicroelectronics

  STW3N170 Datasheet HTML 1Page - STMicroelectronics STW3N170 Datasheet HTML 2Page - STMicroelectronics STW3N170 Datasheet HTML 3Page - STMicroelectronics STW3N170 Datasheet HTML 4Page - STMicroelectronics STW3N170 Datasheet HTML 5Page - STMicroelectronics STW3N170 Datasheet HTML 6Page - STMicroelectronics STW3N170 Datasheet HTML 7Page - STMicroelectronics STW3N170 Datasheet HTML 8Page - STMicroelectronics STW3N170 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
September 2015
DocID028045 Rev 1
1/14
This is information on a product in full production.
www.st.com
STW3N170, STWA3N170
N-
channel 1700 V, 7 Ω typ., 2.6 A PowerMESH™
Power MOSFETs in TO-247 and TO-247 long leads packages
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STW3N170
1700 V
13 Ω
2.6 A
160 W
STWA3N170
Intrinsic capacitances and Qg minimized
High speed switching
100% avalanche tested
Applications
Switching applications
Description
This Power MOSFET is designed using the
STMicroelectronics consolidated strip-layout-
based MESH OVERLAY™ process. The result is
a product that matches or improves on the
performance of comparable standard parts from
other manufacturers.
Table 1: Device summary
Order code
Marking
Package
Packing
STW3N170
3N170
TO-247
Tube
STWA3N170
TO-247 long leads


Similar Part No. - STW3N170

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW3N170 STMICROELECTRONICS-STW3N170 Datasheet
740Kb / 14P
N-channel 1700 V, 7 Ω typ., 2.6 A PowerMESH™ Power MOSFETs in TO-247 and TO-247 long leads packages
14-Sep-2015
More results

Similar Description - STW3N170

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW88N65M5 STMICROELECTRONICS-STW88N65M5 Datasheet
1Mb / 15P
N-channel 650 V, 0.024 廓 typ., 84 A, MDmesh??V Power MOSFET in TO-247 and TO-247 long leads packages
30-Nov-2012
STW40N90K5 STMICROELECTRONICS-STW40N90K5 Datasheet
779Kb / 14P
N-channel 900 V, 0.088 Ω typ., 40 A MDmesh™ K5 Power MOSFETs in TO-247 and TO-247 long leads packages
25-Nov-2016
STW40N95DK5 STMICROELECTRONICS-STW40N95DK5 Datasheet
774Kb / 14P
N-channel 950 V, 0.120 Ω typ., 38 A, MDmesh™ DK5 Power MOSFETs in TO-247 and TO-247 long leads packages
December 2016 Rev 4
STFW45N65M5 STMICROELECTRONICS-STFW45N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 35 A, 0.067 Ω typ., MDmesh™ V Power MOSFETs in TO-3PF, TO-247 and TO-247 long leads packages
09-May-2014
STW75N60DM6 STMICROELECTRONICS-STW75N60DM6 Datasheet
333Kb / 14P
N-channel 600 V, 32 mΩ typ., 72 A MDmesh DM6 Power MOSFETs in TO-247 and TO-247 long leads packages
July 2020
STP26N60M2 STMICROELECTRONICS-STP26N60M2 Datasheet
804Kb / 16P
N-channel 600 V, 0.14 Ω typ., 20 A MDmesh™ M2 Power MOSFETs in TO-220 and TO-247 packages
March 2017 Rev 2
STW57N65M5 STMICROELECTRONICS-STW57N65M5_V01 Datasheet
1,021Kb / 17P
N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™ V Power MOSFETs in TO-247 and TO-247 long leads packages
13-Dec-2013
STP9N80K5 STMICROELECTRONICS-STP9N80K5 Datasheet
795Kb / 16P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFETs in a TO-220 and TO-247 packages
26-Jul-2016
STW70N65DM6 STMICROELECTRONICS-STW70N65DM6 Datasheet
528Kb / 15P
N-channel 650 V, 36 mΩ typ., 68 A MDmesh™ DM6 Power MOSFETs in TO-247 and TO-247 long leads packages
09-Jul-2019
STWA3N170 STMICROELECTRONICS-STWA3N170 Datasheet
740Kb / 14P
N-channel 1700 V, 7 Ω typ., 2.6 A PowerMESH™ Power MOSFETs in TO-247 and TO-247 long leads packages
14-Sep-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com