Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW70N65DM6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STW70N65DM6
Description  N-channel 650 V, 36 mΩ typ., 68 A MDmesh™ DM6 Power MOSFETs in TO-247 and TO-247 long leads packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW70N65DM6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STW70N65DM6 Datasheet HTML 7Page - STMicroelectronics STW70N65DM6 Datasheet HTML 8Page - STMicroelectronics STW70N65DM6 Datasheet HTML 9Page - STMicroelectronics STW70N65DM6 Datasheet HTML 10Page - STMicroelectronics STW70N65DM6 Datasheet HTML 11Page - STMicroelectronics STW70N65DM6 Datasheet HTML 12Page - STMicroelectronics STW70N65DM6 Datasheet HTML 13Page - STMicroelectronics STW70N65DM6 Datasheet HTML 14Page - STMicroelectronics STW70N65DM6 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Revision history
Table 10. Document revision history
Date
Version
Changes
06-Dec-2017
1
Initial release.
09-Jul-2019
2
Update Table 1, Table 3, Table 4, Table 5, Table 6 and Table 7.
Added Section 2.1
Update Figure 14.
STW70N65DM6, STWA70N65DM6
DS12313 - Rev 2
page 13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com